Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1913 Datasheet (PDF) - Diodes Incorporated

AH1913 Datasheet PDF - Diodes Incorporated
Part # AH1913
Download  AH1913 Download
File Size   402.67 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ULTRA HIGH SENSITIVITY DIGITAL OMNIPOLAR HALL-EFFECT SWITCH

AH1913 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1913 Datasheet PDF - Diodes Incorporated

Part # AH1913
Download  AH1913 Click to download

File Size   402.67 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ULTRA HIGH SENSITIVITY DIGITAL OMNIPOLAR HALL-EFFECT SWITCH

AH1913 Datasheet (HTML) - Diodes Incorporated


AH1913 Product details

Features
• Omnipolar Operation (North or South Pole)
• Supply Voltage of 1.6V to 5.5V
• Micropower Operation
• Chopper-Stabilized Design Provides:
 Superior Temperature Stability
 Minimal Switch Point Drift
 Enhanced Immunity to Physical Stress
• -40°C to +85°C Operating Temperature
• High ESD Capability of 6kV (Human Body Model)
• Small Low Profile, SC59 and X1-DFN1216-4 Package
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Smart Cover or Dock Detect for Cellular Phones and Tablets
• Position Detect for Digital Still, Video Cameras, and Handheld Gaming Consoles
• Door, Lids, and Tray Position Detect Switches Home Appliances and Industrial Applications
• Level, Proximity, Position Switches, E-Locks, and Smoke Detectors
• Contactless Switches in Home Appliances and Industrial Applications
• Medical Devices, IoT Systems




Similar Part No. - AH1913

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1911 DIODES-AH1911 Datasheet
588Kb / 9P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
AH1911-W-7 DIODES-AH1911-W-7 Datasheet
588Kb / 9P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
AH1912-FA-7 DIODES-AH1912-FA-7 Datasheet
685Kb / 10P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
AH1912-W-7 DIODES-AH1912-W-7 Datasheet
685Kb / 10P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
More results


Similar Description - AH1913

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
High Sensitivity Micropower Omnipolar Hall-Effect Switch
Rev 1
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 4
AH9246 DIODES-AH9246 Datasheet
651Kb / 10P
ULTRA HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 1
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 8
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com