Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH1925 Datasheet (PDF) - Diodes Incorporated

AH1925 Datasheet PDF - Diodes Incorporated
Part # AH1925
Download  AH1925 Download
File Size   593.78 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH

AH1925 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1925 Datasheet PDF - Diodes Incorporated

Part # AH1925
Download  AH1925 Click to download

File Size   593.78 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ULTRA-LOW POWER DIGITAL OMNI POLAR HALL EFFECT SWITCH

AH1925 Datasheet (HTML) - Diodes Incorporated


AH1925 Product details

Features
 Omnipolar Operation (North or South Pole)
 Supply Voltage of 1.6V to 3.6V
 Micropower Operation
 Chopper Stabilized Design Provides:
 Superior Temperature Stability
 Minimal Switch Point Drift
 Enhanced Immunity to Physical Stress
 AH1925 is Open-Drain Output
 -40°C to +85°C Operating Temperature
 High ESD Capability of 8kV (Human Body Model)
 Small Low Profile, X2-DFN1410-4 Package
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 Smart Cover or Dock Detect for Cellular Phones and Tablet PCs
 Gas or Water Consumption Measurement in Remote, Battery-
Operated Utility Meters
 Medical Devices, IoT Systems
 Level, Proximity and Position Switches
 E-Locks, Smoke Detectors, Appliances




Similar Part No. - AH1925

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1921 DIODES-AH1921 Datasheet
588Kb / 9P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
AH1921-W-7 DIODES-AH1921-W-7 Datasheet
588Kb / 9P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
More results


Similar Description - AH1925

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSH253 TSC-TSH253 Datasheet
404Kb / 8P
High Sensitivity Omni-Polar Hall Effect Switch
TSH248 TSC-TSH248 Datasheet
209Kb / 8P
Micropower Omni-Polar Hall Effect Switch
logo
Texas Instruments
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032_017 TI1-DRV5032_017 Datasheet
1Mb / 34P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1911 DIODES-AH1911 Datasheet
588Kb / 9P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
Rev 1
logo
Texas Instruments
DRV5032 TI1-DRV5032_V01 Datasheet
1Mb / 37P
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032 TI-DRV5032_V02 Datasheet
1Mb / 40P
DRV5032 Ultra-Low-Power Digital-Switch Hall Effect Sensor
logo
Diodes Incorporated
AH1912 DIODES-AH1912 Datasheet
685Kb / 10P
ULTRA-LOW POWER DIGITAL OMNIPLOAR HALL-EFFECT SWITCH
July 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com