Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS8W11A Datasheet (PDF) - Diodes Incorporated

ALS8W11A Datasheet PDF - Diodes Incorporated
Part # ALS8W11A
Download  ALS8W11A Download
File Size   516.36 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Surface Mount Load Dump Transient Voltage Suppressors

ALS8W11A Datasheet (PDF)

Go To PDF Page Download Datasheet
ALS8W11A Datasheet PDF - Diodes Incorporated

Part # ALS8W11A
Download  ALS8W11A Click to download

File Size   516.36 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Surface Mount Load Dump Transient Voltage Suppressors

ALS8W11A Datasheet (HTML) - Diodes Incorporated


ALS8W11A Product details

FEATURES
• High current capability
• Low Forward Voltage Drop
• Low reverse current
• Low thermal resistance
• Excellent high temperature stability
• Low power loss and high efficiency
• High forward surge capability
• Meet ISO7637-2 and ISO16750-2 surge specification
(varied by test condition)
• Meet MSL level 1, per J-STD-020
• LF maximum peak of 260 °C
• AEC-Q101 qualified
• PPAP capable
• Automotive grade
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

APPLICATION
• High peak power
• High-temperature
• Clamping diode
• Load switching and lighting
• Use in sensitive electronics protection against
voltage transients induced by inductive automotive ECU module,
especially for automotive load dump protection application




Similar Part No. - ALS8W11A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS80A103DB063 KEMET-ALS80A103DB063 Datasheet
79Kb / 1P
Aluminum Electrolytic, 105C, ALS80, 0.01 F, 20%, 63 V, -40/105C
ALS80A103QP400 KEMET-ALS80A103QP400 Datasheet
88Kb / 1P
ALS80, Aluminum Electrolytic, 10,000 uF, 20%, 400 VDC, -40/105째C
ALS80A113NF250 KEMET-ALS80A113NF250 Datasheet
80Kb / 1P
Aluminum Electrolytic, 105C, ALS80, 0.011 F, 20%, 250 V, -40/105C
ALS80A123KE100 KEMET-ALS80A123KE100 Datasheet
88Kb / 1P
ALS80, Aluminum Electrolytic, 12,000 uF, 20%, 100 VDC, -40/105째C
ALS80A124KE025 KEMET-ALS80A124KE025 Datasheet
88Kb / 1P
ALS80, Aluminum Electrolytic, 120,000 uF, 20%, 25 VDC, -40/105째C
More results


Similar Description - ALS8W11A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
LOAD DUMP TRANSIENT PROTECTION
Apr-2000
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Microsemi Corporation
LDTS14 MICROSEMI-LDTS14_1 Datasheet
255Kb / 2P
HEAVY DUTY (LOAD DUMP) TRANSIENT VOLTAGE SUPPRESSOR
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
Transient protection load dump
22-Jun-2012
logo
Diodes Incorporated
ALS5W10A DIODES-ALS5W10A Datasheet
547Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
ALS6W10A DIODES-ALS6W10A Datasheet
717Kb / 6P
Surface Mount Load Dump Transient Voltage Suppressors
Octo-2021 REV-4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com