Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH3232Q Datasheet (PDF) - Diodes Incorporated

AH3232Q Datasheet PDF - Diodes Incorporated
Part # AH3232Q
Download  AH3232Q Download
File Size   2673.67 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES

AH3232Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AH3232Q Datasheet PDF - Diodes Incorporated

Part # AH3232Q
Download  AH3232Q Click to download

File Size   2673.67 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES

AH3232Q Datasheet (HTML) - Diodes Incorporated


AH3232Q Product details

Features
 Unipolar: AH3231Q, AH3232Q, AH3233Q, AH3234Q
Latch: AH3270Q, AH3271Q, AH3272Q
 Output Polarity:
 Direct: AH3232Q, AH3233Q
 Inverted: AH3231Q, AH3234Q
 Wide Supply Voltage Operation: 2.7V to 27V
 Temperature Coefficient -1100ppm/°C (AH3232Q, AH3233Q,
AH3234Q)
 Chopper Stabilized Design Provides:
 Superior Temperature Stability
 Minimal Switch Point Drift
 Enhanced Immunity to Stress
 Battery polarity reverse connection protection
 Transient Spike Voltage Protection
 Overtemperature Shut Down and Auto-Restart
 UVLO Protection
 High ESD Rating: HBM = 8kV, CDM = 1kV
 Temperature Range:-40°C to +150°C
 Totally Lead-Free & Fully RoHS Compliant (Notes 1, 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The AH3231Q-AH3234Q/AH3270Q-AH3272Q are suitable for
automotive applications requiring specific change control;
these parts are AEC-Q100 qualified, PPAP capable, and
manufactured in IATF 16949 certified facilities.

Applications
 Position and proximity sensing in automotive applications
 Seat positioning
 Seatbelt buckles
 Wiper positioning
 Window lifters
 Gear selection positioning




Similar Part No. - AH3232Q

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH323-G TRIQUINT-AH323-G Datasheet
1Mb / 17P
2W High Linearity 5V 2-Stage Amplifier
AH323-G TRIQUINT-AH323-G_15 Datasheet
1Mb / 17P
2W High Linearity 5V 2-Stage Amplifier
AH323-PCB2140 TRIQUINT-AH323-PCB2140 Datasheet
1Mb / 17P
2W High Linearity 5V 2-Stage Amplifier
More results


Similar Description - AH3232Q

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147 ALLEGRO-A1147 Datasheet
319Kb / 13P
Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1130 ALLEGRO-A1130 Datasheet
980Kb / 24P
Two-Wire Unipolar Vertical Hall-Effect Switches with Advanced Diagnostics
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
Two-Wire Hall-Effect Latch
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com