Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMBTA92Q Datasheet (PDF) - Diodes Incorporated

AMBTA92Q Datasheet PDF - Diodes Incorporated
Part # AMBTA92Q
Download  AMBTA92Q Download
File Size   370.52 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300V PNP SMALL SIGNAL TRANSISTOR IN SOT23

AMBTA92Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AMBTA92Q Datasheet PDF - Diodes Incorporated

Part # AMBTA92Q
Download  AMBTA92Q Click to download

File Size   370.52 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300V PNP SMALL SIGNAL TRANSISTOR IN SOT23

AMBTA92Q Datasheet (HTML) - Diodes Incorporated


AMBTA92Q Product details

Features
 BVCEO > -300V
 Ideal for Medium Power Amplification and Switching
 Complementary NPN Type: MMBTA42Q
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 Qualified to AEC-Q101 Standards for High Reliability
 PPAP Capable (Note 4)




Similar Part No. - AMBTA92Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMB ETC-AMB Datasheet
98Kb / 1P
Micro EM Brake
AMB-10 ETC-AMB-10 Datasheet
98Kb / 1P
Micro EM Brake
AMB-2.5 ETC-AMB-2.5 Datasheet
98Kb / 1P
Micro EM Brake
AMB-20 ETC-AMB-20 Datasheet
98Kb / 1P
Micro EM Brake
logo
AAEON Technology
AMB-2023-E AAEON-AMB-2023-E Datasheet
782Kb / 2P
12.1" TFT SVGA (800 x 600) LCD
More results


Similar Description - AMBTA92Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 19
BC856A DIODES-BC856A_15 Datasheet
359Kb / 7P
PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 24
MMBT2907A DIODES-MMBT2907A_15 Datasheet
389Kb / 7P
60V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 17
MMBT3906 DIODES-MMBT3906_15 Datasheet
301Kb / 7P
40V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 17
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 10
MMBTA55 DIODES-MMBTA55_15 Datasheet
471Kb / 7P
PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 12
MMBTA92 DIODES-MMBTA92_15 Datasheet
355Kb / 5P
300V PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 12
AC857BQ DIODES-AC857BQ Datasheet
433Kb / 7P
PNP SMALL SIGNAL TRANSISTOR IN SOT23
Rev 3
BC856AQ DIODES-BC856AQ Datasheet
382Kb / 7P
PNP SMALL SIGNAL TRANSISTOR IN SOT23
November 2019 Rev. 1 - 2
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com