Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3583A Datasheet (PDF) - Diodes Incorporated

AP3583A Datasheet PDF - Diodes Incorporated
Part # AP3583A
Download  AP3583A Download
File Size   738.91 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT

AP3583A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3583A Datasheet PDF - Diodes Incorporated

Part # AP3583A
Download  AP3583A Click to download

File Size   738.91 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER WITH REFERENCE INPUT

AP3583A Datasheet (HTML) - Diodes Incorporated


AP3583A Product details

Features
 Supply Voltage: 5V/12V
 VIN Input Range: 3.0V to 13.2V
0.6V to 80% of VIN Output Range
Internal Reference: 0.6V
 Support Tracking Mode and Stand-Alone Mode
 Simple Single-Loop Control
Voltage-Mode PWM Control
Duty Cycle: 0% to 80%
Fast Transient Response
 Fixed Oscillator Frequency: 200/300kHz
 Lossless, Programmable Over Current Protection
(Uses Lower MOSFET RDS(ON) )
 Start-Up into Pre-biased Output
 Built-In Thermal Shutdown
 Built-In Soft-Start
 Over Current/Voltage Protection
 Under Voltage Protection
 Integrated Boot Diode
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 Power Supplies for Microprocessors/Peripherals
PCs, Embedded Controllers, Memory Supplies
DSP and Core Communications Processor Supplies
 Subsystem Power Supplies
PCI, AGP, Graphics Cards and Digital TV
SSTL-2 and DDR/2/3 SDRAM Bus Termination Supply
 Cable Modems, Set Top Boxes, and DSL
Modems
 Industrial Power Supplies and General Purpose Supplies
 5V/12V Input DC-DC Regulators
 Low-Voltage Distributed Power Supplies




Similar Part No. - AP3583A

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3583AMP-G1 BCDSEMI-AP3583AMP-G1 Datasheet
629Kb / 13P
Single Phase Synchronous Buck PWM Controller With Reference Input
AP3583AMPTR-G1 BCDSEMI-AP3583AMPTR-G1 Datasheet
629Kb / 13P
Single Phase Synchronous Buck PWM Controller With Reference Input
More results


Similar Description - AP3583A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
Single Synchronous Buck PWM Controller
logo
Feature Integration Tec...
F72815 FINTEK-F72815 Datasheet
637Kb / 18P
Synchronous Buck PWM DC-DC Controller with External Reference Voltage Input
logo
BCD Semiconductor Manuf...
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
Single Phase Synchronous Buck PWM Controller
AP3583,A BCDSEMI-AP3583,A Datasheet
629Kb / 13P
Single Phase Synchronous Buck PWM Controller With Reference Input
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
Single Phase Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
5V/12V Synchronous Buck PWM Controller with Reference Input
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com