Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9351 Datasheet (PDF) - Renesas Technology Corp

MPC9351 Datasheet PDF - Renesas Technology Corp
Part # MPC9351
Download  MPC9351 Download
File Size   364.03 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage PLL Clock Driver

MPC9351 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9351 Datasheet PDF - Renesas Technology Corp

Part # MPC9351
Download  MPC9351 Click to download

File Size   364.03 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage PLL Clock Driver

MPC9351 Datasheet (HTML) - Renesas Technology Corp


MPC9351 Product details

The MPC9351 is a 2.5V and 3.3V compatible, PLL based clock generator
targeted for high performance clock distribution systems. With output
frequencies of up to 200 MHz and a maximum output skew of 150ps, the
MPC9351 is an ideal solution for the most demanding clock tree designs. The
device offers 9 low-skew clock outputs, each is configurable to support the
clocking needs of the various high-performance microprocessors including the
PowerQUICC II integrated communication microprocessor. The extended
temperature range of the MPC9351 supports telecommunication and networking
requirements.The device employs a fully differential PLL design to minimize
cycle-to-cycle and long-term jitter.
Features
• 9 Outputs LVCMOS PLL Clock Generator
• 25 – 200MHz Output Frequency Range
• Fully Integrated PLL
• 2.5V and 3.3V Compatible
• Compatible to Various Microprocessors Such as PowerQuicc II
• Supports Networking, Telecommunications and Computer Applications
• Configurable Outputs: Divide-by-2, 4 and 8 of VCO Frequency
• LVPECL and LVCMOS Compatible Inputs
• External Feedback Enables Zero-Delay Configurations
• Output Enable/disable and Static Test Mode (PLL Enable/Disable)
• Low Skew Characteristics: Maximum 150ps Output-to-Output
• Cycle-to-Cycle Jitter Max. 22ps RMS
• 32-Lead LQFP Package, Pb-Free
• Ambient Temperature Range -40°C to +85°C
• For functional replacement use 8T49N285




Similar Part No. - MPC9351

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC9351 FREESCALE-MPC9351 Datasheet
313Kb / 12P
Low Voltage PLL Clock Driver
MPC9351D FREESCALE-MPC9351D Datasheet
313Kb / 12P
Low Voltage PLL Clock Driver
More results


Similar Description - MPC9351

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com