Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9608 Datasheet (PDF) - Renesas Technology Corp

MPC9608 Datasheet PDF - Renesas Technology Corp
Part # MPC9608
Download  MPC9608 Download
File Size   430.82 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:10 LVCMOS Zero Delay Clock Buffer

MPC9608 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC9608 Datasheet PDF - Renesas Technology Corp

Part # MPC9608
Download  MPC9608 Click to download

File Size   430.82 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:10 LVCMOS Zero Delay Clock Buffer

MPC9608 Datasheet (HTML) - Renesas Technology Corp


MPC9608 Product details

The MPC9608 is a 3.3 V compatible, 1:10 PLL based zero-delay buffer. With
a very wide frequency range and low output skews the MPC9608 is targeted for
high performance and mid-range clock tree designs.
Features
• 1:10 outputs LVCMOS zero-delay buffer
• Single 3.3 V supply
• Supports a clock I/O frequency range of 12.5 to 200 MHz
• Selectable divide-by-two for one output bank
• Synchronous output enable control (CLK_STOP)
• Output tristate control (output high impedance)
• PLL bypass mode for low frequency system test purpose
• Supports networking, telecommunications and computer applications
• Supports a variety of microprocessors and controllers
• Compatible to PowerQuicc I and II
• Ambient Temperature Range -40C to +85C
• 32-lead Pb-free Package Available
• For functional replacement use 2308-2HDCG




Similar Part No. - MPC9608

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9608 MOTOROLA-MPC9608 Datasheet
423Kb / 12P
1:10 LVCMOS Zero Delay Clock Buffer
More results


Similar Description - MPC9608

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87972I ICST-ICS87972I Datasheet
150Kb / 14P
LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A OCTOBER 18, 2002
ICS8752 ICST-ICS8752 Datasheet
139Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 19, 2002
logo
Motorola, Inc
MPC9608 MOTOROLA-MPC9608 Datasheet
423Kb / 12P
1:10 LVCMOS Zero Delay Clock Buffer
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
logo
Integrated Device Techn...
ICS8752 IDT-ICS8752 Datasheet
141Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS8752I IDT-ICS8752I Datasheet
118Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
86004-01 RENESAS-86004-01 Datasheet
155Kb / 12P
62.5MHz to 250MHz, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
January 21, 2016
86004 RENESAS-86004 Datasheet
419Kb / 14P
15.625MHZ TO 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
86004I RENESAS-86004I Datasheet
475Kb / 14P
15.625MHZ to 62.5MHZ, 1:4 LVCMOS/ LVTTL Zero Delay Clock Buffer
7/10/15
ICS8752I RENESAS-ICS8752I Datasheet
375Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
JULY 30, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com