Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98ASH00962A Datasheet (PDF) - NXP Semiconductors

98ASH00962A Datasheet PDF - NXP Semiconductors
Part # 98ASH00962A
Download  98ASH00962A Download
File Size   918.67 Kbytes
Page   36 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MC9S08MP16 Series Data Sheet

98ASH00962A Datasheet (PDF)

Go To PDF Page Download Datasheet
98ASH00962A Datasheet PDF - NXP Semiconductors

Part # 98ASH00962A
Download  98ASH00962A Click to download

File Size   918.67 Kbytes
Page   36 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description MC9S08MP16 Series Data Sheet

98ASH00962A Datasheet (HTML) - NXP Semiconductors


98ASH00962A Product details

Features
• 8-Bit HCS08 Central Processor Unit (CPU)
– Up to 51.34 MHz CPU at 2.7V to 5.5V across temperature
range of –40°C to 105°C
– Up to 40 MHz CPU at 2.7V to 5.5V across temperature range
of –40°C to 125°C
– HC08 instruction set with added BGND instruction and
additional addressing modes for LDHX and STHX
– Support for up to 48 interrupt/reset sources
• On-Chip Memory
– Up to 16 KB flash memory; read/program/erase over full
operating voltage and temperature
– Up to 1 KB random-access memory (RAM)
– Security circuitry to prevent unauthorized access to RAM and
flash memory contents
• Power-Saving Modes
– Two low power stop modes; reduced power wait mode
– Peripheral clock gating can disable clocks to unused modules
• Clock Source Options
– Oscillator (XOSC) — Loop-control Pierce oscillator; Crystal
or ceramic resonator range of 31.25–38.4 kHz or 1–16 MHz
– Internal Clock Source (ICS) — Containing a
frequency-locked-loop (FLL) controlled by internal or
external reference; precision trimming of internal reference
allows 0.2% resolutions and 2% deviation over temperature
and voltage; supports CPU frequencies up to 51.34 MHz
• System Protection
– Watchdog computer operating properly (COP) reset running
from dedicated 1-kHz internal clock source or bus clock
– Low-voltage detection with reset or interrupt; selectable trip
points
– Illegal opcode and illegal address detection with reset
– Flash memory block protection
• Development Support
– Single-wire background debug interface
– Breakpoint capability to allow single breakpoint setting during
in-circuit debugging (plus three more breakpoints in on-chip
debug module)
– On-chip in-circuit emulator (ICE) debug module containing
three comparators and nine trigger modes. Eight deep FIFO for
storing change-of-flow addresses and event-only data. Debug
module supports both tag and force breakpoints
• Peripherals
– IPC — Interrupt Priority Controller with 4 programmable
interrupt priority levels
– ADC — 13-channel, 12-bit resolution; 2.5 s conversion time;
automatic compare function; 1.7 mV/C temperature sensor;
internal bandgap reference channel; operation in stop3
– PGA — Differential programmable gain amplifier with
programmable gain (x1, x2, x4, x8, x16, or x32)
– HSCMP — Three fast analog comparators with positive and
negative inputs; separately selectable interrupt on rising and
falling comparator output; filtering; windowing; HSCMP1 and
HSCMP2 outputs can be optionally routed to FTM1 module;
runs in stop3
– DAC — Three 5-bit digital to analog convertor used as a
32-tap voltage reference for each comparator
– PDB — Two programmable delay blocks: PDB1 synchronizes
PWM with samples of ADC; PDB2 synchronizes PWM with
comparing window of analog comparators
– SCI — Full duplex non-return to zero (NRZ); LIN master
extended break generation; LIN slave extended break
detection; wake up on active edge
– SPI — Full-duplex or single-wire bidirectional;
Double-buffered transmit and receive; Master or Slave mode;
MSB-first or LSB-first shifting
– IIC/SMBus — Up to 400 kbps; Multi-master operation;
Programmable slave address; Interrupt driven byte-by-byte
data transfer; supports broadcast mode and 10-bit addressing;
SMBus compatible
– FTM — Two Flextimers with total of 8 channels; One
2-channel (FTM1) and one 6-channel (FTM2); supports
operation up to 2x bus clock; selectable input capture, output
compare, edge- or center-aligned PWM; dead time insertion;
fault inputs
– MTIM — 8-bit modulo counter with 8-bit prescaler
– RTC — (Real-time counter) 8-bit modulus counter with
binary or decimal based prescaler; External clock source for
precise time base, time-of-day, calendar or task scheduling;
Free running on-chip low power oscillator (1 kHz) for cyclic
wake-up without external components, runs in all MCU modes
– CRC — Cyclic redundancy check generator
– KBI — Three 8 channel keyboard interrupt module with
software selectable polarity on edge or edge/level modes
Input/Output
– 40 GPIOs, 2 output-only pins.
– Hysteresis and configurable pull up device on input pins;
Configurable slew rate and drive strength on output pins;
Sink/Source current up to 20mA
Package Options
– 48-LQFP, 32-LQFP, 28-SOIC
– 48-LQFP qualified for automotive usage




Similar Part No. - 98ASH00962A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
98ASH00962A FREESCALE-98ASH00962A Datasheet
586Kb / 35P
MC9S08PA60 Series
logo
NXP Semiconductors
98ASH00962A NXP-98ASH00962A Datasheet
897Kb / 41P
MC9S08PA60A and MC9S08PA32A are recommended for new design
Rev. 4, 09/2019
98ASH00962A NXP-98ASH00962A Datasheet
940Kb / 41P
MC9S08PT60A and MC9S08PT32A are recommended for new design
Rev. 6, 09/2019
98ASH00962A NXP-98ASH00962A Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results


Similar Description - 98ASH00962A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MC9S08DZ32AMLC FREESCALE-MC9S08DZ32AMLC Datasheet
145Kb / 4P
MC9S08DZ60 Series Data Sheet
MC9S08MP16VLC FREESCALE-MC9S08MP16VLC Datasheet
507Kb / 36P
MC9S08MP16 Series Data Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
logo
NXP Semiconductors
S32R274 NXP-S32R274_V01 Datasheet
1Mb / 78P
S32R274/S32R264 Series Data Sheet
Rev. 6, 06/2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com