Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC962308 Datasheet (PDF) - Renesas Technology Corp

MPC962308 Datasheet PDF - Renesas Technology Corp
Part # MPC962308
Download  MPC962308 Download
File Size   677.45 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V Zero Delay Buffer

MPC962308 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC962308 Datasheet PDF - Renesas Technology Corp

Part # MPC962308
Download  MPC962308 Click to download

File Size   677.45 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V Zero Delay Buffer

MPC962308 Datasheet (HTML) - Renesas Technology Corp


MPC962308 Product details

Features
• 1:8 outputs LVCMOS zero-delay buffer
• Zero input-output propagation delay, adjustable by the capacitive load on
FBK input
• Multiple Configurations, see Table 2
• Multiple low-skew outputs
• 200 ps max output-output skew
• 700 ps max device-device skew
• Two banks of four outputs, output tristate control by two select inputs
• Supports a clock I/O frequency range of 10 MHz to 133 MHz
• Low jitter, 200 ps max cycle-cycle (-1, -1H, -4, -5H)
• ±250 ps static phase offset (SPO)
• 16-pin SOIC package or 16-pin TSSOP package
• Single 3.3 V supply
• Ambient temperature range: –40C to +85C
• Compatible with the CY2308 and CY23S08
• Spread spectrum compatible
• Not Recommend for New Designs
Use replacement part IDT2308




Similar Part No. - MPC962308

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
3.3 V Zero Delay Buffer
MPC962308D MOTOROLA-MPC962308D Datasheet
414Kb / 12P
3.3 V Zero Delay Buffer
MPC962308D-1 MOTOROLA-MPC962308D-1 Datasheet
414Kb / 12P
3.3 V Zero Delay Buffer
MPC962308D-1H MOTOROLA-MPC962308D-1H Datasheet
414Kb / 12P
3.3 V Zero Delay Buffer
MPC962308D-1HR2 MOTOROLA-MPC962308D-1HR2 Datasheet
414Kb / 12P
3.3 V Zero Delay Buffer
More results


Similar Description - MPC962308

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
3.3 V Zero Delay Buffer
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
3.3 V Zero Delay Buffer
logo
ON Semiconductor
NB2305A ONSEMI-NB2305A Datasheet
133Kb / 8P
3.3 V Zero Delay Clock Buffer
November, 2006 ??Rev. 5
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_11 Datasheet
466Kb / 14P
3.3 V Zero Delay Buffer
CY2308 CYPRESS-CY2308_12 Datasheet
604Kb / 18P
3.3 V Zero Delay Buffer
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
3.3 V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
ASM5P2305A ONSEMI-ASM5P2305A Datasheet
144Kb / 12P
3.3 V Zero Delay Buffer
August, 2011 ??Rev. 4
ASM5P2308A ONSEMI-ASM5P2308A Datasheet
144Kb / 11P
3.3 V Zero-Delay Buffer
August, 2011 ??Rev. 3
NB2305A ONSEMI-NB2305A_15 Datasheet
89Kb / 8P
3.3 V Zero Delay Clock Buffer
May, 2015 ??Rev. 11
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com