Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJF0614DSP Datasheet (PDF) - Renesas Technology Corp

RJF0614DSP Datasheet PDF - Renesas Technology Corp
Part # RJF0614DSP
Download  RJF0614DSP Download
File Size   255.05 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V, 1.5A N Channel Thermal FET Power Switching

RJF0614DSP Datasheet (PDF)

Go To PDF Page Download Datasheet
RJF0614DSP Datasheet PDF - Renesas Technology Corp

Part # RJF0614DSP
Download  RJF0614DSP Click to download

File Size   255.05 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 60V, 1.5A N Channel Thermal FET Power Switching

RJF0614DSP Datasheet (HTML) - Renesas Technology Corp


RJF0614DSP Product details

Features
• Logic level operation (5 to 6 V Gate drive).
• Built-in the over temperature shut-down circuit.
• High endurance capability against to the short circuit.
• Temperature hysteresis type.
• High density mounting
• Power supply voltage applies 12 V and 24 V.




Similar Part No. - RJF0614DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0614DSP RENESAS-RJF0614DSP_15 Datasheet
113Kb / 8P
60V, 1.5A N Channel Thermal FET Power Switching
More results


Similar Description - RJF0614DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0609JSP RENESAS-RJF0609JSP Datasheet
281Kb / 8P
60V - 1.5V Silicon N Channel Thermal FET Power Switching
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
60V-40A Silicon N Channel Thermal FET Power Switching
RJF0612DPE RENESAS-RJF0612DPE Datasheet
98Kb / 8P
60V - 50A - N Channel Thermal FET Power Switching
RJF0612JPE RENESAS-RJF0612JPE Datasheet
115Kb / 8P
60V - 50A - N Channel Thermal FET Power Switching
RJF0614DSP RENESAS-RJF0614DSP_15 Datasheet
113Kb / 8P
60V, 1.5A N Channel Thermal FET Power Switching
RJF0612DPE RENESAS-RJF0612DPE_15 Datasheet
98Kb / 8P
60V - 50A - N Channel Thermal FET Power Switching
RJF0610JSP RENESAS-RJF0610JSP_16 Datasheet
287Kb / 8P
60V , 1.5A Silicon N channel Thermal FET
RJF0610DSP RENESAS-RJF0610DSP_16 Datasheet
289Kb / 8P
60V , 1.5A Silicon N channel Thermal FET
RJF0614JSP RENESAS-RJF0614JSP Datasheet
237Kb / 8P
60V, 1.5A N Channel Thermal FET Power Switching
RJG0601JSP RENESAS-RJG0601JSP Datasheet
394Kb / 13P
±60V, ±1.5A, N Channel, P Channel Thermal FET Power Switching
Nov 01, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com