Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA0410 Datasheet (PDF) - Cree LED

CHA0410 Datasheet PDF - Cree LED
Part # CHA0410
Download  CHA0410 Download
File Size   1161.92 Kbytes
Page   23 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® CHA0410 Pro9™ LED

CHA0410 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA0410 Datasheet PDF - Cree LED

Part # CHA0410
Download  CHA0410 Click to download

File Size   1161.92 Kbytes
Page   23 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® CHA0410 Pro9™ LED

CHA0410 Datasheet (HTML) - Cree LED


CHA0410 Product details

FEATURES
• 4.2‑mm optical source
• Available in 90 and 95 CRI minimum options
• EasyWhite® 2- and 3‑step binning
• Premium Color 3-step binning
• Forward voltage options: 12‑V class & 36‑V class
• 85 °C binning and characterization
• Maximum drive current: 900 mA (12 V), 300 mA (36 V)
• 114° viewing angle, uniform chromaticity profile
• Top-side solder connections
• RoHS and REACH compliant
• UL® recognized component (E349212)




Similar Part No. - CHA0410

ManufacturerPart #DatasheetDescription
logo
Cree LED
CHA0410 CREELED-CHA0410 Datasheet
1Mb / 25P
XLamp® CHA0410 LED
REV 0
CHA0410-0000-000D0H0A27G CREELED-CHA0410-0000-000D0H0A27G Datasheet
1Mb / 25P
XLamp® CHA0410 LED
REV 0
CHA0410-0000-000D0H0A27H CREELED-CHA0410-0000-000D0H0A27H Datasheet
1Mb / 25P
XLamp® CHA0410 LED
REV 0
CHA0410-0000-000D0H0A30G CREELED-CHA0410-0000-000D0H0A30G Datasheet
1Mb / 25P
XLamp® CHA0410 LED
REV 0
CHA0410-0000-000D0H0A30H CREELED-CHA0410-0000-000D0H0A30H Datasheet
1Mb / 25P
XLamp® CHA0410 LED
REV 0
More results


Similar Description - CHA0410

ManufacturerPart #DatasheetDescription
logo
Cree LED
CHA0410 CREELED-CHA0410 Datasheet
1Mb / 25P
XLamp® CHA0410 LED
REV 0
CMU1010 CREELED-CMU1010 Datasheet
1Mb / 18P
XLamp® CMU1010 Pro9™ LED
REV 1
CMU1519 CREELED-CMU1519 Datasheet
1Mb / 18P
XLamp® CMU1519 Pro9™ LED
REV 1
CMU2239 CREELED-CMU2239 Datasheet
1Mb / 18P
XLamp® CMU2239 Pro9™ LED
REV 1
CMU2287 CREELED-CMU2287 Datasheet
1Mb / 18P
XLamp® CMU2287 Pro9™ LED
REV 1
CHA0825-PRO9 CREELED-CHA0825-PRO9 Datasheet
1Mb / 18P
XLamp® CHA0825 Pro9™ LED
REV 1
CMB1306-PRO9 CREELED-CMB1306-PRO9 Datasheet
1Mb / 23P
XLamp® CMB1306 Pro9™ LED
REV 1
CMB1507-PRO9 CREELED-CMB1507-PRO9 Datasheet
1Mb / 23P
XLamp® CMB1507 Pro9™ LED
REV 1
CMB1516-PRO9 CREELED-CMB1516-PRO9 Datasheet
1Mb / 18P
XLamp® CMB1516 Pro9™ LED
REV 1
CMB1818-PRO9 CREELED-CMB1818-PRO9 Datasheet
1Mb / 18P
XLamp® CMB1818 Pro9™ LED
REV 1
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com