Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJH60V3BDPE Datasheet (PDF) - Renesas Technology Corp

RJH60V3BDPE Datasheet PDF - Renesas Technology Corp
Part # RJH60V3BDPE
Download  RJH60V3BDPE Download
File Size   98.81 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 17A - IGBT Application: Inverter

RJH60V3BDPE Datasheet (PDF)

Go To PDF Page Download Datasheet
RJH60V3BDPE Datasheet PDF - Renesas Technology Corp

Part # RJH60V3BDPE
Download  RJH60V3BDPE Click to download

File Size   98.81 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 17A - IGBT Application: Inverter

RJH60V3BDPE Datasheet (HTML) - Renesas Technology Corp


RJH60V3BDPE Product details

Features
 Short circuit withstand time (6 s typ.)
 Low collector to emitter saturation voltage
VCE(sat) = 1.6 V typ. (at IC = 17 A, VGE = 15 V, Ta = 25°C)
 Built in fast recovery diode (25 ns typ.) in one package
 Trench gate and thin wafer technology
 High speed switching
tf = 75 ns typ. (at VCC = 300 V, VGE = 15 V, IC = 17 A, Rg = 5 , Ta = 25°C, inductive load)




Similar Part No. - RJH60V3BDPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60V3BDPE RENESAS-RJH60V3BDPE_15 Datasheet
99Kb / 10P
600V - 17A - IGBT Application: Inverter
More results


Similar Description - RJH60V3BDPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60M3DPQ-E0 RENESAS-RJH60M3DPQ-E0 Datasheet
212Kb / 10P
600V - 17A - IGBT Application: Inverter
RJH60M3DPQ-E0 RENESAS-RJH60M3DPQ-E0_15 Datasheet
212Kb / 10P
600V - 17A - IGBT
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
600V - 12A - IGBT Application: Inverter
RJH60D3DPE RENESAS-RJH60D3DPE_15 Datasheet
107Kb / 10P
600V - 17A - IGBT Application: Inverter
RJH60M3DPE RENESAS-RJH60M3DPE_15 Datasheet
100Kb / 10P
600V - 17A - IGBT Application: Inverter
RJH60M3DPP-M0 RENESAS-RJH60M3DPP-M0_15 Datasheet
105Kb / 10P
600V - 17A - IGBT Application: Inverter
RJH60V3BDPE RENESAS-RJH60V3BDPE_15 Datasheet
99Kb / 10P
600V - 17A - IGBT Application: Inverter
RJH60V3BDPP-M0 RENESAS-RJH60V3BDPP-M0_15 Datasheet
103Kb / 10P
600V - 17A - IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0_15 Datasheet
108Kb / 10P
600V - 17A - IGBT Application: Inverter
RJH60V3BDPP-M0 RENESAS-RJH60V3BDPP-M0 Datasheet
103Kb / 10P
600V - 17A - IGBT Application: Inverter
May 25, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com