Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0703DPP-A0 Datasheet (PDF) - Renesas Technology Corp

RJK0703DPP-A0 Datasheet PDF - Renesas Technology Corp
Part # RJK0703DPP-A0
Download  RJK0703DPP-A0 Download
File Size   372.17 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-Channel MOS FET 75 V, 70 A, 6.7 mΩ

RJK0703DPP-A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK0703DPP-A0 Datasheet PDF - Renesas Technology Corp

Part # RJK0703DPP-A0
Download  RJK0703DPP-A0 Click to download

File Size   372.17 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-Channel MOS FET 75 V, 70 A, 6.7 mΩ

RJK0703DPP-A0 Datasheet (HTML) - Renesas Technology Corp


RJK0703DPP-A0 Product details

Features
• High speed switching
• Low drive current
• Low on-resistance RDS(on) = 5.3 mΩ typ. (at VGS = 10 V)
• Package TO-220FPA
• Quality Grade : Standard




Similar Part No. - RJK0703DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0703DPP-E0 RENESAS-RJK0703DPP-E0 Datasheet
88Kb / 7P
N-Channel MOS FET 75 V, 70 A, 6.7 m
RJK0703DPP-E0-T2 RENESAS-RJK0703DPP-E0-T2 Datasheet
88Kb / 7P
N-Channel MOS FET 75 V, 70 A, 6.7 m
RJK0703DPP-E0 RENESAS-RJK0703DPP-E0_15 Datasheet
88Kb / 7P
N-Channel MOS FET 75 V, 70 A, 6.7 m?
More results


Similar Description - RJK0703DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0703DPN-E0 RENESAS-RJK0703DPN-E0 Datasheet
88Kb / 7P
N-Channel MOS FET 75 V, 70 A, 6.7 m
RJK0703DPP-E0 RENESAS-RJK0703DPP-E0 Datasheet
88Kb / 7P
N-Channel MOS FET 75 V, 70 A, 6.7 m
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK0703DPN-E0 RENESAS-RJK0703DPN-E0_15 Datasheet
88Kb / 7P
N-Channel MOS FET 75 V, 70 A, 6.7 m?
RJK1002DPN-E0 RENESAS-RJK1002DPN-E0_15 Datasheet
89Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0_15 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK0703DPP-E0 RENESAS-RJK0703DPP-E0_15 Datasheet
88Kb / 7P
N-Channel MOS FET 75 V, 70 A, 6.7 m?
RJK0703DPN-A0 RENESAS-RJK0703DPN-A0 Datasheet
377Kb / 7P
N-Channel MOSFET 75 V, 70 A, 6.7 mΩ
2020.1.9
RJK1003DPN-A0 RENESAS-RJK1003DPN-A0 Datasheet
380Kb / 7P
N-Channel MOS FET 100 V, 50 A, 11 mΩ
2020.1.9
RJK1003DPP-A0 RENESAS-RJK1003DPP-A0 Datasheet
442Kb / 7P
N-Channel MOS FET 100 V, 50 A, 11 mΩ
2020.1.9
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com