Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK1002DPP-A0 Datasheet (PDF) - Renesas Technology Corp

RJK1002DPP-A0 Datasheet PDF - Renesas Technology Corp
Part # RJK1002DPP-A0
Download  RJK1002DPP-A0 Download
File Size   442.91 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-Channel MOSFET 100 V, 70 A, 7.6 mΩ

RJK1002DPP-A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK1002DPP-A0 Datasheet PDF - Renesas Technology Corp

Part # RJK1002DPP-A0
Download  RJK1002DPP-A0 Click to download

File Size   442.91 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-Channel MOSFET 100 V, 70 A, 7.6 mΩ

RJK1002DPP-A0 Datasheet (HTML) - Renesas Technology Corp


RJK1002DPP-A0 Product details

Features
• High speed switching
• Low drive current
• Low on-resistance RDS(on) = 6.0 mΩ typ. (at VGS = 10 V)
• Package TO-220FPA
• Quality Grade : Standard




Similar Part No. - RJK1002DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK1002DPP-E0-T2 RENESAS-RJK1002DPP-E0-T2 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0_15 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m?
More results


Similar Description - RJK1002DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1002DPN-E0 RENESAS-RJK1002DPN-E0 Datasheet
89Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m
RJK1002DPN-E0 RENESAS-RJK1002DPN-E0_15 Datasheet
89Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK1002DPP-E0 RENESAS-RJK1002DPP-E0_15 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 70 A, 7.6 m?
RJK0703DPN-A0 RENESAS-RJK0703DPN-A0 Datasheet
377Kb / 7P
N-Channel MOSFET 75 V, 70 A, 6.7 mΩ
2020.1.9
RJK1001DPP-A0 RENESAS-RJK1001DPP-A0 Datasheet
439Kb / 7P
N-Channel MOSFET 100 V, 80 A, 5.5 mΩ
2020.1.9
RJK1002DPN-A0 RENESAS-RJK1002DPN-A0 Datasheet
383Kb / 7P
N-Channel MOSFET 100 V, 70 A, 7.6 mΩ
2020.1.9
logo
Nexperia B.V. All right...
BUK7Y7R6-40E NEXPERIA-BUK7Y7R6-40E Datasheet
742Kb / 13P
N-channel 40 V, 7.6 mΩ standard level MOSFET in LFPAK56
7 May 2013
BUK9Y7R6-40E NEXPERIA-BUK9Y7R6-40E Datasheet
769Kb / 13P
N-channel 40 V, 7.6 mΩ logic level MOSFET in LFPAK56
7 May 2013
PSMN8R0-40PS NEXPERIA-PSMN8R0-40PS Datasheet
727Kb / 14P
N-channel 40 V 7.6 mΩ standard level MOSFET
Rev. 02 - 25 June 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com