Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK4502DPD Datasheet (PDF) - Renesas Technology Corp

RJK4502DPD Datasheet PDF - Renesas Technology Corp
Part # RJK4502DPD
Download  RJK4502DPD Download
File Size   88.72 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 450V - 2.8A - MOS FET High Speed Power Switching

RJK4502DPD Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK4502DPD Datasheet PDF - Renesas Technology Corp

Part # RJK4502DPD
Download  RJK4502DPD Click to download

File Size   88.72 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 450V - 2.8A - MOS FET High Speed Power Switching

RJK4502DPD Datasheet (HTML) - Renesas Technology Corp


RJK4502DPD Product details

Features
 Low on-state resistance
RDS(on) = 3  typ. (at ID = 1.4 A, VGS = 10 V, Ta = 25C)
 High speed switching




Similar Part No. - RJK4502DPD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RJK4502DPD VBSEMI-RJK4502DPD Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
RJK4502DPD ISC-RJK4502DPD Datasheet
400Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
RJK4502DPD RENESAS-RJK4502DPD_15 Datasheet
89Kb / 7P
450V - 2.8A - MOS FET High Speed Power Switching
More results


Similar Description - RJK4502DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK4502DJE RENESAS-RJK4502DJE Datasheet
59Kb / 4P
450V - 2.8A - MOS FET High Speed Power Switching
RJK4515DPK RENESAS-RJK4515DPK_12 Datasheet
84Kb / 7P
450V - 27A - MOS FET High Speed Power Switching
RJK4536DP3-A0 RENESAS-RJK4536DP3-A0 Datasheet
71Kb / 4P
450V - 2.8A - MOS FET High Speed Power Switching
2SK1521-E1-E RENESAS-2SK1521-E1-E_15 Datasheet
93Kb / 7P
450V - 50A - MOS FET High Speed Power Switching
RJK4532DPH-E0 RENESAS-RJK4532DPH-E0_15 Datasheet
99Kb / 7P
450V - 4A - MOS FET High Speed Power Switching
RJK4532DPD RENESAS-RJK4532DPD_15 Datasheet
80Kb / 7P
450V - 4A - MOS FET High Speed Power Switching
RJK4502DJE RENESAS-RJK4502DJE_15 Datasheet
59Kb / 4P
450V - 2.8A - MOS FET High Speed Power Switching
RJK4502DPD RENESAS-RJK4502DPD_15 Datasheet
89Kb / 7P
450V - 2.8A - MOS FET High Speed Power Switching
RJK4512DPP-E0 RENESAS-RJK4512DPP-E0_15 Datasheet
104Kb / 7P
450V - 14A - MOS FET High Speed Power Switching
2SK1521-E1-E RENESAS-2SK1521-E1-E Datasheet
259Kb / 7P
450V - 50A - MOS FET High Speed Power Switching
Rev.3.00 Mar 26, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com