Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK5012DPP-A0 Datasheet (PDF) - Renesas Technology Corp

RJK5012DPP-A0 Datasheet PDF - Renesas Technology Corp
Part # RJK5012DPP-A0
Download  RJK5012DPP-A0 Download
File Size   148.82 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500V - 12A - MOS FET High Speed Power Switching

RJK5012DPP-A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK5012DPP-A0 Datasheet PDF - Renesas Technology Corp

Part # RJK5012DPP-A0
Download  RJK5012DPP-A0 Click to download

File Size   148.82 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500V - 12A - MOS FET High Speed Power Switching

RJK5012DPP-A0 Datasheet (HTML) - Renesas Technology Corp


RJK5012DPP-A0 Product details

Features
 Low on-resistance
RDS(on) = 0.515  typ. (at ID = 6 A, VGS = 10 V, Ta = 25C)
 Low leakage current
 High speed switching
 Quality grade: Standard




Similar Part No. - RJK5012DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5012DPP-00-T2 RENESAS-RJK5012DPP-00-T2 Datasheet
115Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5012DPP-00-T2 RENESAS-RJK5012DPP-00-T2 Datasheet
87Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0 Datasheet
88Kb / 7P
500V - 12A - MOS FET High Speed Power Switching
RJK5012DPP-E0T2 RENESAS-RJK5012DPP-E0T2 Datasheet
88Kb / 7P
500V - 12A - MOS FET High Speed Power Switching
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0_15 Datasheet
88Kb / 7P
500V - 12A - MOS FET High Speed Power Switching
More results


Similar Description - RJK5012DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0 Datasheet
99Kb / 7P
500V - 3A - MOS FET High Speed Power Switching
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0 Datasheet
88Kb / 7P
500V - 12A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
2SK1629-E1-E RENESAS-2SK1629-E1-E_15 Datasheet
137Kb / 7P
500V - 30A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0_15 Datasheet
99Kb / 7P
500V - 3A - MOS FET High Speed Power Switching
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0_15 Datasheet
88Kb / 7P
500V - 12A - MOS FET High Speed Power Switching
H5N2522FP-E0-E RENESAS-H5N2522FP-E0-E_15 Datasheet
98Kb / 6P
250V - 12A - MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0_15 Datasheet
87Kb / 7P
500V - 19A - MOS FET High Speed Power Switching
H5N2522FP-E0-E RENESAS-H5N2522FP-E0-E Datasheet
98Kb / 6P
250V - 12A - MOS FET High Speed Power Switching
Jul 27, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com