Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV199W Datasheet (PDF) - NXP Semiconductors

BAV199W Datasheet PDF - NXP Semiconductors
Part # BAV199W
Download  BAV199W Download
File Size   56.06 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-leakage double diode

BAV199W Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV199W Datasheet PDF - NXP Semiconductors

Part # BAV199W
Download  BAV199W Click to download

File Size   56.06 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low-leakage double diode

BAV199W Datasheet (HTML) - NXP Semiconductors


BAV199W Product details

DESCRIPTION
Epitaxial, medium-speed switching, double diode in a small plastic SOT323 (SC-70) SMD package.
The diodes are connected in series.

FEATURES
• Small plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8µs
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA.

APPLICATIONS
• Low-leakage current applications in surface mounted circuits.




Similar Part No. - BAV199W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV199W DIODES-BAV199W Datasheet
355Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30462 Rev. 5 - 2
logo
Pan Jit International I...
BAV199W PANJIT-BAV199W Datasheet
56Kb / 3P
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODES
logo
SEMTECH ELECTRONICS LTD...
BAV199W SEMTECH_ELEC-BAV199W Datasheet
212Kb / 2P
LOW LEAKAGE DOUBLE DIODE
logo
NXP Semiconductors
BAV199W NXP-BAV199W Datasheet
226Kb / 8P
Low-leakage double diode
1999 May 11
logo
Diodes Incorporated
BAV199W DIODES-BAV199W Datasheet
116Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30462 Rev. 6 - 2
More results


Similar Description - BAV199W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
BAV170 PHILIPS-BAV170_03 Datasheet
62Kb / 12P
Low-leakage double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAV170 KEXIN-BAV170 Datasheet
39Kb / 2P
Low-leakage double diode
BAW156 KEXIN-BAW156 Datasheet
40Kb / 2P
Low-leakage double diode
logo
SEMTECH ELECTRONICS LTD...
BAV199W SEMTECH_ELEC-BAV199W Datasheet
212Kb / 2P
LOW LEAKAGE DOUBLE DIODE
logo
Shenzhen Luguang Electr...
BAV170 LUGUANG-BAV170 Datasheet
228Kb / 3P
Low-leakage Double Diode
logo
Galaxy Semi-Conductor H...
BAV170 BILIN-BAV170_13 Datasheet
164Kb / 4P
Low-leakage double diode
BAV170 BILIN-BAV170_17 Datasheet
129Kb / 4P
Low-leakage double diode
Rev.A
logo
Rectron Semiconductor
BAS416V RECTRON-BAS416V Datasheet
496Kb / 7P
Low-leakage double diode
BAV199V RECTRON-BAV199V Datasheet
143Kb / 7P
Low-leakage double diode
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com