Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJL60S5DPE Datasheet (PDF) - Renesas Technology Corp

RJL60S5DPE Datasheet PDF - Renesas Technology Corp
Part # RJL60S5DPE
Download  RJL60S5DPE Download
File Size   151.04 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 20A - SJ MOS FET High Speed Power Switching

RJL60S5DPE Datasheet (PDF)

Go To PDF Page Download Datasheet
RJL60S5DPE Datasheet PDF - Renesas Technology Corp

Part # RJL60S5DPE
Download  RJL60S5DPE Click to download

File Size   151.04 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 20A - SJ MOS FET High Speed Power Switching

RJL60S5DPE Datasheet (HTML) - Renesas Technology Corp


RJL60S5DPE Product details

Features
 Superjunction MOSFET
 Built-in fast recovery diode
 Low on-resistance
RDS(on) = 0.150  typ. (at ID = 10 A, VGS = 10 V, Ta = 25C)
 High speed switching




Similar Part No. - RJL60S5DPE

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RJL60S5DPK ISC-RJL60S5DPK Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
RJL60S5DPK-M0 RENESAS-RJL60S5DPK-M0 Datasheet
58Kb / 4P
600V - 20A - SJ MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
RJL60S5DPP ISC-RJL60S5DPP Datasheet
297Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
RJL60S5DPP-E0 RENESAS-RJL60S5DPP-E0 Datasheet
114Kb / 8P
600V - 20A - SJ MOS FET High Speed Power Switching
RJL60S5DPP-E0T2 RENESAS-RJL60S5DPP-E0T2 Datasheet
114Kb / 8P
600V - 20A - SJ MOS FET High Speed Power Switching
More results


Similar Description - RJL60S5DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK60S2DPP-E0 RENESAS-RJK60S2DPP-E0 Datasheet
60Kb / 4P
600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S5DPE RENESAS-RJK60S5DPE Datasheet
89Kb / 7P
600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0 Datasheet
91Kb / 7P
600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0 Datasheet
93Kb / 8P
600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S1DPD RENESAS-RJK60S1DPD Datasheet
95Kb / 7P
600V - 8A - SJ MOS FET High Speed Power Switching
RJK60S5DPP-E0 RENESAS-RJK60S5DPP-E0_13 Datasheet
112Kb / 8P
600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0_13 Datasheet
110Kb / 8P
600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPK-M0 RENESAS-RJK60S5DPK-M0_13 Datasheet
112Kb / 8P
600V - 20A - SJ MOS FET High Speed Power Switching
RJL60S5DPK-M0 RENESAS-RJL60S5DPK-M0 Datasheet
58Kb / 4P
600V - 20A - SJ MOS FET High Speed Power Switching
RJL60S5DPP-E0 RENESAS-RJL60S5DPP-E0 Datasheet
114Kb / 8P
600V - 20A - SJ MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com