Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR20-05HGA Datasheet (PDF) - Japan Automatic Machine Co., Ltd.

SNR20-05HGA Datasheet PDF - Japan Automatic Machine Co., Ltd.
Part # SNR20-05HGA
Download  SNR20-05HGA Download
File Size   653.54 Kbytes
Page   7 Pages
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.
Description 2MM W TO B CONNECTOR 5P HOUSING

SNR20-05HGA Datasheet (PDF)

Go To PDF Page Download Datasheet
SNR20-05HGA Datasheet PDF - Japan Automatic Machine Co., Ltd.

Part # SNR20-05HGA
Download  SNR20-05HGA Click to download

File Size   653.54 Kbytes
Page   7 Pages
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.
Description 2MM W TO B CONNECTOR 5P HOUSING

SNR20-05HGA Datasheet (HTML) - Japan Automatic Machine Co., Ltd.


SNR20-05HGA Product details

FEATURES
●Double arm lock mechanism with excellent click feeling
Workability and operability are improved to ensure high reliability.
Assists in reducing process defects by preventing twisting and mis-insertion.
●Thin potting specifications.
●The retainer can be selected according to the application.
● Abundant safety mechanisms (guide ribs, colored keying, etc.)
realizes satisfactory level of reliability.
●By abundant security mechanism such as guide ribs and
colored keying etc., improves the sensitivity of workability
and operability.
●User-selentable retainer system.
●Double arm lock system is excellent advantage of mating work,
●Thin shaped potting connector.




Similar Part No. - SNR20-05HGA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SNR MACOM-SNR Datasheet
220Kb / 3P
Slim PCB Relay
SNR MACOM-SNR Datasheet
176Kb / 3P
Slim PCB Relay SNR
SNR MACOM-SNR Datasheet
242Kb / 3P
Slimline PCB Relay SNR
logo
TE Connectivity Ltd
SNR TEC-SNR Datasheet
319Kb / 2P
Reduced system width for increased packing density on the DIN rail
logo
LUMEX INC.
SNR-40013 LUMEX-SNR-40013 Datasheet
92Kb / 1P
AMBIENT PbS 1x1
More results


Similar Description - SNR20-05HGA

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
3021003-03 QUALTEK-3021003-03 Datasheet
425Kb / 1P
USB 4P(A) MALE TO USB MINI 5P(B) MALE
logo
Molex Electronics Ltd.
502380-0706 MOLEX-502380-0706 Datasheet
391Kb / 4P
1.25 W/B CONN. SINGLE PLUG HOUSING 2-7CKT.
0351560400 MOLEX11-0351560400 Datasheet
100Kb / 1P
3.96 IPITCH W/B CONN, HOUSING (WITH LOCK)
5023800400_SD MOLEX-5023800400_SD Datasheet
371Kb / 4P
1.25 W/B CONN. SINGLE PLUG HOUSING 2-7CKT.
5023800500_SD MOLEX-5023800500_SD Datasheet
371Kb / 4P
1.25 W/B CONN. SINGLE PLUG HOUSING 2-7CKT.
5023800600_SD MOLEX-5023800600_SD Datasheet
371Kb / 4P
1.25 W/B CONN. SINGLE PLUG HOUSING 2-7CKT.
SD-502380-001 MOLEX5-SD-502380-001 Datasheet
371Kb / 4P
1.25 W/B CONN, SINGLE PLUG HOUSING 2-7CKT
logo
List of Unclassifed Man...
AL-ECF504-AB ETC1-AL-ECF504-AB Datasheet
58Kb / 1P
LP, USB A/B W/ECF HOUSING
logo
TE Connectivity Ltd
C-1674000 TEC-C-1674000 Datasheet
148Kb / 1P
mini VP 1.0mm W to B CONN.
logo
HARTING Technology Grou...
09-62-806-0303 HARTING-09-62-806-0303 Datasheet
613Kb / 2P
Han 6EMC/B-HBM - w/o SL housing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com