| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PBSS302PD
|
134Kb / 14P |
40 V PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005 |
|
PBSS3540E
|
109Kb / 11P |
40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 01-3 May 2005 |
|
PBHV9050T
|
97Kb / 12P |
500 V, 150 mA PNP high-voltage low VCEsat (BISS) transistor
Rev. 01-16 September 2009 |
|
PBSS3540E
|
173Kb / 11P |
40 V, 500 mA PNP low VCEsat (BISS) transistor
Rev. 02-11 December 2009 |
|
PBSS2540E
|
172Kb / 11P |
40 V, 500 mA NPN low VCEsat (BISS) transistor
Rev. 02-15 November 2009 |
|
PBSS5440D
|
197Kb / 13P |
40 V PNP low VCEsat (BISS) transistor
Rev. 02-14 December 2009 |
 Nexperia B.V. All right... |
PBHV9050Z
|
459Kb / 14P |
500 V, 250 mA PNP high-voltage low VCEsat (BISS) transistor
|
|
PBHV9515QA
|
731Kb / 17P |
150 V, 500 mA PNP high-voltage low VCEsat (BISS) transistor
|
|
PBSS2540E
|
285Kb / 12P |
40 V, 500 mA NPN low VCEsat (BISS) transistor
Rev. 02 - 15 November 2009 |
|
PBSS5440D
|
311Kb / 14P |
40 V PNP low VCEsat (BISS) transistor
Rev. 02 - 14 December 2009 |