Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23S Datasheet (PDF) - NXP Semiconductors

BAV23S Datasheet PDF - NXP Semiconductors
Part # BAV23S
Download  BAV23S Download
File Size   52.47 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose double diode

BAV23S Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV23S Datasheet PDF - NXP Semiconductors

Part # BAV23S
Download  BAV23S Click to download

File Size   52.47 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose double diode

BAV23S Datasheet (HTML) - NXP Semiconductors


BAV23S Product details

DESCRIPTION
The BAV23S consists of two general purpose diodes connected in series fabricated in planar technology, and encapsulated in the small SOT23 plastic SMD package.

FEATURES
• Small plastic SMD package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage:
   max. 200 V
• Repetitive peak reverse voltage:
   max. 250 V
• Repetitive peak forward current:
   max. 625 mA.
  
APPLICATIONS
• General purpose where high
   breakdown voltages are required.




Similar Part No. - BAV23S

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV23S TRSYS-BAV23S Datasheet
144Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Fairchild Semiconductor
BAV23S FAIRCHILD-BAV23S Datasheet
40Kb / 5P
HIGH VOLTAGE GENERAL PURPOSE DIODE
logo
Diodes Incorporated
BAV23S DIODES-BAV23S Datasheet
172Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
BAV23S DIODES-BAV23S Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
logo
Fairchild Semiconductor
BAV23S FAIRCHILD-BAV23S Datasheet
227Kb / 5P
Small Signal Diode
More results


Similar Description - BAV23S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23 PHILIPS-BAV23 Datasheet
34Kb / 7P
General purpose double diode
1996 Sep 17
logo
Guangdong Kexin Industr...
BAV23 KEXIN-BAV23 Datasheet
41Kb / 2P
General Purpose Double Diode
logo
NXP Semiconductors
BC817DS115 NXP-BC817DS115 Datasheet
135Kb / 7P
NPN general purpose double
2002 Nov 22
logo
Cherry Semiconductor Co...
E19-50K CHERRY-E19-50K Datasheet
338Kb / 3P
GENERAL PURPOSE ??DOUBLE POLE
logo
NXP Semiconductors
BCV63 PHILIPS-BCV63_15 Datasheet
127Kb / 12P
NPN general-purpose double transistors
Rev. 4-4 August 2010
logo
Guangdong Kexin Industr...
BCV61 KEXIN-BCV61 Datasheet
131Kb / 3P
NPN general purpose double transistor
BCV62 KEXIN-BCV62 Datasheet
104Kb / 3P
PNP general purpose double transistor
logo
ZF Friedrichshafen AG
E19 ZFSWITCHES-E19 Datasheet
532Kb / 3P
Double Pole General Purpose
logo
Nexperia B.V. All right...
BC857BS-Q NEXPERIA-BC857BS-Q Datasheet
238Kb / 12P
PNP general purpose double transistor
29 June 2021
BCV61 NEXPERIA-BCV61 Datasheet
2Mb / 13P
NPN general-purpose double transistors
Rev. 04 - 18 December 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com