Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC05RC16GRS/D Datasheet (PDF) - NXP Semiconductors

HC05RC16GRS/D Datasheet PDF - NXP Semiconductors
Part # HC05RC16GRS/D
Download  HC05RC16GRS/D Download
File Size   1284.07 Kbytes
Page   122 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description General Release Specification

HC05RC16GRS/D Datasheet (PDF)

Go To PDF Page Download Datasheet
HC05RC16GRS/D Datasheet PDF - NXP Semiconductors

Part # HC05RC16GRS/D
Download  HC05RC16GRS/D Click to download

File Size   1284.07 Kbytes
Page   122 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description General Release Specification

HC05RC16GRS/D Datasheet (HTML) - NXP Semiconductors


HC05RC16GRS/D Product details

Features
Features for the MC68HC05RC16 include:
• Low Cost
• HC05 Core
• 28-Pin Plastic Dual In-Line (PDIP), Small Outline Integrated
Circuit (SOIC), or Plastic Leaded Chip Carrier (PLCC) Packages
• On-Chip Oscillator with Crystal/Ceramic Resonator
• 4-MHz Maximum Oscillator Frequency at 5 V and 2.2 V Supply
• Fully Static Operation
• 15,936 Bytes of User ROM
• 64 Bytes of Burn-In ROM
• 352 Bytes of On-Chip RAM
• 14-Stage Core Timer with Real-Time Interrupt (RTI) and
Computer Operating Properly (COP) Watchdog Circuits
• Carrier Modulator Transmitter Supporting Baseband, Pulse
Length Modulator (PLM), and Frequency Shift Keying (FSK)
Protocols
• Low-Power Reset Pin
• 20 Bidirectional I/O Lines (Four Additional I/O Lines Available for
Bond Out in 44-Lead PLCC Package)
• Mask Programmable Pullups and Interrupts on Eight Port Pins
(PB0–PB7)
• High-Current Infrared (IR) Drive Pin
• High-Current Port Pin (PC0)
• Power-Saving Stop and Wait Modes
• Mask Selectable Options:
– COP Watchdog Timer
– STOP Instruction Disable
– Edge-Sensitive or Edge- and Level-Sensitive Interrupt Trigger
– Port B Pullups for Keyscan
• Illegal Address Reset
• ROM Security Feature




Similar Part No. - HC05RC16GRS/D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HC05RC17GRS/D NXP-HC05RC17GRS/D Datasheet
1Mb / 128P
General Release Specification
REV. 2.0
More results


Similar Description - HC05RC16GRS/D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
68HC705H12 MOTOROLA-68HC705H12 Datasheet
1Mb / 196P
General Release Specification
logo
Freescale Semiconductor...
68HC05C5 FREESCALE-68HC05C5 Datasheet
1Mb / 58P
SPECIFICATION (General Release)
68HC05CC1 FREESCALE-68HC05CC1 Datasheet
11Mb / 140P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05L5 MOTOROLA-68HC05L5 Datasheet
942Kb / 200P
General Release Specification
logo
Freescale Semiconductor...
MC68HC05P1A FREESCALE-MC68HC05P1A Datasheet
3Mb / 124P
General Release Specification
68HC05P4A FREESCALE-68HC05P4A_1 Datasheet
2Mb / 83P
SPECIFICATION (General Release)
logo
Motorola, Inc
68HC05PD6 MOTOROLA-68HC05PD6 Datasheet
815Kb / 165P
SPECIFICATION (General Release)
logo
Freescale Semiconductor...
MC68HC705CT4 FREESCALE-MC68HC705CT4 Datasheet
970Kb / 152P
General Release Specification
MC68HC08LN56 FREESCALE-MC68HC08LN56 Datasheet
1Mb / 246P
General Release Specification
logo
NXP Semiconductors
MC68HC705MC4 NXP-MC68HC705MC4 Datasheet
1Mb / 180P
General Release Specification
REV. 2.0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com