| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
1200651112
|
38Kb / 2P |
Micro-Change (M12) Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail, 22 AWG, Yellow TPE Cable, 10.0m (32.81) Length
02/03/2023 |
|
1300060052
|
38Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
03/15/2023 |
|
1300060353
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail, 18 AWG, Yellow PVC Cable, 10.0m (32.81) Length
03/27/2023 |
|
1300060897
|
45Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
03/11/2023 |
|
1300062376
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
04/06/2023 |
|
1300062462
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
03/28/2023 |
|
1300062567
|
29Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 10.0m (32.81) Length
04/05/2023 |
|
1300069047
|
23Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (90°) to Straight, 16 AWG, TPE Cable, 10.0m (32.81) Length
02/01/2023 |
|
1300069051
|
29Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
03/27/2023 |
|
1300100106
|
38Kb / 2P |
Mini-Change A-Size Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
03/27/2023 |