Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJP65M06DWA Datasheet (PDF) - Renesas Technology Corp

RJP65M06DWA Datasheet PDF - Renesas Technology Corp
Part # RJP65M06DWA
Download  RJP65M06DWA Download
File Size   130.07 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 650V - 100A - IGBT Application: Inverter

RJP65M06DWA Datasheet (PDF)

Go To PDF Page Download Datasheet
RJP65M06DWA Datasheet PDF - Renesas Technology Corp

Part # RJP65M06DWA
Download  RJP65M06DWA Click to download

File Size   130.07 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 650V - 100A - IGBT Application: Inverter

RJP65M06DWA Datasheet (HTML) - Renesas Technology Corp


RJP65M06DWA Product details

Features
 Low collector to emitter saturation voltage
VCE(sat) = 1.55 V typ. (at IC = 100 A, VGE = 15 V, Tc = 25C)
 High speed Switching
 Short circuit withstands time
tsc = 5 s min. (at VCC  400 V , VGE = 15 V, Tj = 150 C)




Similar Part No. - RJP65M06DWA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65M06DWA-80 RENESAS-RJP65M06DWA-80 Datasheet
130Kb / 4P
Inverter
RJP65M06DWA-W0 RENESAS-RJP65M06DWA-W0 Datasheet
130Kb / 4P
Inverter
RJP65M06DWA RENESAS-RJP65M06DWA_15 Datasheet
130Kb / 4P
Inverter
More results


Similar Description - RJP65M06DWA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP1CS06DWT RENESAS-RJP1CS06DWT Datasheet
77Kb / 4P
1250V - 100A - IGBT Application: Inverter
RJP65S03DWT RENESAS-RJP65S03DWT Datasheet
65Kb / 4P
650V - 30A - IGBT Application: Inverter
RJP65S06DWT RENESAS-RJP65S06DWT Datasheet
62Kb / 4P
650V - 100A - IGBT Application: Inverter
RJP1CS06DWT RENESAS-RJP1CS06DWT_15 Datasheet
65Kb / 4P
1250V - 100A - IGBT Application: Inverter
RJP65S04DWT RENESAS-RJP65S04DWT_15 Datasheet
64Kb / 4P
650V - 50A - IGBT Application: Inverter
RJP65S06DWT RENESAS-RJP65S06DWT_15 Datasheet
64Kb / 4P
650V - 100A - IGBT Application: Inverter
RJP65S07DWT RENESAS-RJP65S07DWT_15 Datasheet
123Kb / 4P
650V - 150A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0_15 Datasheet
71Kb / 4P
650V - 50A - IGBT Application: Inverter
RJH65S04DPQ-A0 RENESAS-RJH65S04DPQ-A0 Datasheet
71Kb / 4P
650V - 50A - IGBT Application: Inverter
Jul 06, 2012
RJP65M05DWA RENESAS-RJP65M05DWA Datasheet
161Kb / 4P
650V - 75A - IGBT Application: Inverter
Nov. 06, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com