Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJU65F25DWA Datasheet (PDF) - Renesas Technology Corp

RJU65F25DWA Datasheet PDF - Renesas Technology Corp
Part # RJU65F25DWA
Download  RJU65F25DWA Download
File Size   166.76 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 650V - 75A - Fast Recovery Diode Application: Inverter

RJU65F25DWA Datasheet (PDF)

Go To PDF Page Download Datasheet
RJU65F25DWA Datasheet PDF - Renesas Technology Corp

Part # RJU65F25DWA
Download  RJU65F25DWA Click to download

File Size   166.76 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 650V - 75A - Fast Recovery Diode Application: Inverter

RJU65F25DWA Datasheet (HTML) - Renesas Technology Corp


RJU65F25DWA Product details

Features
 Low forward voltage
VF = 1.7 V typ. (at IF = 75 A, Tc = 25C)
 Fast recovery (soft recovery)
trr = 80 ns typ. (at IF = 75 A, di/dt = 100 A/s, Tc = 25C)




Similar Part No. - RJU65F25DWA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU65F23DWA RENESAS-RJU65F23DWA Datasheet
88Kb / 5P
600V - 50A - Single Diode Fast Recovery Diode
Sep.07.2020
RJU65F24DWA RENESAS-RJU65F24DWA Datasheet
136Kb / 5P
650V - 50A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F26DWA RENESAS-RJU65F26DWA Datasheet
166Kb / 5P
650V - 100A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F27DWA RENESAS-RJU65F27DWA Datasheet
166Kb / 5P
650V - 150A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F27DWS RENESAS-RJU65F27DWS Datasheet
166Kb / 5P
650V - 150A - Fast Recovery Diode Application: Inverter
Apr.10.2020
More results


Similar Description - RJU65F25DWA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65S05DWT RENESAS-RJP65S05DWT Datasheet
63Kb / 4P
650V - 75A - IGBT Application: Inverter
RJP65S05DWT RENESAS-RJP65S05DWT_15 Datasheet
65Kb / 4P
650V - 75A - IGBT Application: Inverter
RJP65M05DWA RENESAS-RJP65M05DWA Datasheet
161Kb / 4P
650V - 75A - IGBT Application: Inverter
Nov. 06, 2015
RJU1CF03DWA RENESAS-RJU1CF03DWA Datasheet
122Kb / 5P
1250V - 30A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF05DWA RENESAS-RJU1CF05DWA Datasheet
135Kb / 5P
1250V - 75A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU1CF08DWA RENESAS-RJU1CF08DWA Datasheet
134Kb / 5P
1250V - 200A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F24DWA RENESAS-RJU65F24DWA Datasheet
136Kb / 5P
650V - 50A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F26DWA RENESAS-RJU65F26DWA Datasheet
166Kb / 5P
650V - 100A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F27DWA RENESAS-RJU65F27DWA Datasheet
166Kb / 5P
650V - 150A - Fast Recovery Diode Application: Inverter
Apr.10.2020
RJU65F28DWA RENESAS-RJU65F28DWA Datasheet
222Kb / 5P
650V - 200A - Fast Recovery Diode Application: Inverter
Apr.10.2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com