Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-GM60P Datasheet (PDF) - PCE Instruments.

PCE-GM60P Datasheet PDF - PCE Instruments.
Part # PCE-GM60P
Download  PCE-GM60P Download
File Size   310.28 Kbytes
Page   2 Pages
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.
Description Gloss Meter PCE-GM 60Plus

PCE-GM60P Datasheet (PDF)

Go To PDF Page Download Datasheet
PCE-GM60P Datasheet PDF - PCE Instruments.

Part # PCE-GM60P
Download  PCE-GM60P Click to download

File Size   310.28 Kbytes
Page   2 Pages
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.
Description Gloss Meter PCE-GM 60Plus

PCE-GM60P Datasheet (HTML) - PCE Instruments.


PCE-GM60P Product details

Gloss Meter PCE-GM 60Plus-ICA for non-stationary use / Measurement up to 200 gloss points / 60° Measurement geometry/ 3.5" TFTdisplay / short measuring time of 0.5 seconds
The gloss tester PCE-GM 60Plus is a measuring device for the determination of gloss on different materials.During the measurement, the glosstester picks up the reflection of emitted light. The light is emitted directly by the gloss tester.Part of the light is then reflected off the surface tobe measured and part of the light is absorbed by the surface.Thanks to the reflected light, the gloss tester then calculates the degree of glossand displays it clearly on the TFT display.
The gloss tester is used in areas where it is essential that individual products always have the same appearance and texture and properties.Inthis way, complaints and associated costs are avoided. In addition, the external reputation of companies with consistent quality and consistentproducts is respected or improved.Thus, the gloss tester PCE-GM 60Plus can assist you.

-60° measuring geometry
-3.5" TFT touchscreen display
-Built-in rechargeable battery
-Quick 0.5 second measuring time
-0 ... 200 GU gloss measurement range
-Measuring accuracy ±1.5 GU
-Self-calibration possible using included calibration plate
-Chromaticity fulfills CIE 1931 2° under a CIE illuminant C
-Reflective gloss measurement per ISO 2813, GB/T 9754, ASTM D523 and ASTM D2457 standards
-Light source: D65
-Wave length: 400-700 nm




Similar Part No. - PCE-GM60P

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-GM60 PCE-PCE-GM60 Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Similar Description - PCE-GM60P

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Mallory performance clu...
82658 MALLORY-82658 Datasheet
762Kb / 2P
GM LS Blaster Coils
PN8263 MALLORY-PN8263 Datasheet
420Kb / 2P
GM LS Blaster Coils
logo
3M Electronics
9985281 3M-9985281 Datasheet
173Kb / 6P
GM Specification
31-Mar-2017
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com