Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9961 Datasheet (PDF) - STMicroelectronics

L9961 Datasheet PDF - STMicroelectronics
Part # L9961_V01
Download  L9961 Download
File Size   1929.2 Kbytes
Page   65 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Battery management system solution

L9961 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9961 Datasheet PDF - STMicroelectronics

Part # L9961_V01
Download  L9961 Click to download

File Size   1929.2 Kbytes
Page   65 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Battery management system solution

L9961 Datasheet (HTML) - STMicroelectronics


L9961 Product details

Features
• 2 μA shipment - DEEP SLEEP mode current and 5 μA standby consumption
(with VREG LDO active) standby consumption (with VREG LDO active)
• Integrated 3.3 V VREG LDO for supplying MCU and LEDs
• Measures cell voltage (3 to 5 cells), with over/undervoltage detection and
balance undervoltage protection
• 12-bit voltage measurement with maximum error of ±15 mV in the [1.5–4.5] V
range, for -40 °C < TJ < 105 °C
• Measures stack voltage, with over/under voltage detection and plausibility check
vs. sum of cells
• Measures pack temperature via NTC, with over/undertemperature detection
• Ratiometric temperature measurement with ±0.8% max. gain error in the [0.2–
VREG] V range, for -40 °C < TJ < 105 °C
• Measures battery current, with Coulomb counting, overcurrent (both directions)
and short-circuit in discharge protection.
• 16-bit signed current measurement with 0.1% full scale error at room
temperature
• I2C peripheral for device programming and data transfers over I2C bus
• Cell balancing supporting up to 70 mA per cell
• Dual configurable HS/LS predriver for pack relay management
• Pack fuse management
• Embedded NVM for configuration parameters storage
• High hotplug robustness

Applications
• Cordless power tools
• Backup energy storage systems and UPS
• Light electric vehicles (e-bikes, scooters, etc)
• Portable and semi-portable equipment
• Medical equipment




Similar Part No. - L9961_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9961-TR STMICROELECTRONICS-L9961-TR Datasheet
2Mb / 63P
Battery management system solution
More results


Similar Description - L9961_V01

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1325 LINER-LTC1325 Datasheet
406Kb / 24P
Microprocessor-Controlled Battery Management System
logo
National Semiconductor ...
LP3945 NSC-LP3945 Datasheet
337Kb / 15P
Battery Charge Management System
logo
Linear Technology
LTC1325 LINER-LTC1325_15 Datasheet
340Kb / 24P
Microprocessor-Controlled Battery Management System
logo
International Rectifier
IRFB3407ZPBF IRF-IRFB3407ZPBF_15 Datasheet
249Kb / 8P
Battery Management
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
Highly Integrated Battery Charge Management Solution
logo
Sumida Corporation
CEP99 SUMIDA-CEP99 Datasheet
181Kb / 1P
Battery management system of automobiles
logo
Analog Devices
ADP5320 AD-ADP5320 Datasheet
134Kb / 2P
Wearable Power Management Solution for Multiple Battery Types
logo
Ultralife Corporation.
URS0010 ULTRALIFE-URS0010 Datasheet
776Kb / 3P
Battery Management Power System
Rev: B
logo
STMicroelectronics
L9961 STMICROELECTRONICS-L9961 Datasheet
2Mb / 63P
Battery management system solution
logo
Advantech Co., Ltd.
SRP-IFS250-H82F01A ADVANTECH-SRP-IFS250-H82F01A Datasheet
1Mb / 3P
Factory Energy Management Solution
13-Jul-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com