Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV756S Datasheet (PDF) - NXP Semiconductors

BAV756S Datasheet PDF - NXP Semiconductors
Part # BAV756S
Download  BAV756S Download
File Size   73.08 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed switching diode array

BAV756S Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV756S Datasheet PDF - NXP Semiconductors

Part # BAV756S
Download  BAV756S Click to download

File Size   73.08 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed switching diode array

BAV756S Datasheet (HTML) - NXP Semiconductors


BAV756S Product details

DESCRIPTION
The BAV756S consists of four high-speed switching diodes fabricated in planar technology, and encapsulated in the small SMD SOT363 plastic package. One pair of diodes has a common cathode; the other pair has a common anode.

FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 450 mA.

APPLICATIONS
• General purpose switching in e.g. surface mounted circuits.




Similar Part No. - BAV756S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV756S NXP-BAV756S Datasheet
115Kb / 15P
High-speed switching diodes
Rev. 05-26 November 2007
BAV756S NXP-BAV756S Datasheet
115Kb / 15P
High-speed switching diodes
Rev. 05-26 November 2007
logo
Nexperia B.V. All right...
BAV756S NEXPERIA-BAV756S Datasheet
212Kb / 9P
High-speed switching diode
28 October 2022
BAV756S-Q NEXPERIA-BAV756S-Q Datasheet
213Kb / 9P
High-speed switching diode
2 December 2024
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results


Similar Description - BAV756S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAV70 SIEMENS-BAV70 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switchingFor high-speed switching)
BAV70S SIEMENS-BAV70S Datasheet
77Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV70W SIEMENS-BAV70W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common cathode)
BAV74 SIEMENS-BAV74 Datasheet
96Kb / 4P
Silicon Switching Diode Array (For high-speed switching Common cathode)
BAW56 SIEMENS-BAW56 Datasheet
97Kb / 4P
Silicon Switching Diode Array (For high-speed switching applications Common anode)
BAW56W SIEMENS-BAW56W Datasheet
70Kb / 4P
Silicon Switching Diode Array (For high speed switching applications Common anode)
logo
NXP Semiconductors
BAV99S PHILIPS-BAV99S Datasheet
68Kb / 12P
High-speed switching diode array
2001 May 14
logo
Pan Jit International I...
BAV99S PANJIT-BAV99S Datasheet
484Kb / 3P
HIGH SPEED SWITCHING DIODE ARRAY
logo
Taiwan Semiconductor Co...
BAV99S TSC-BAV99S Datasheet
210Kb / 3P
250mW High Speed Switching Array
BAV99S TSC-BAV99S_15 Datasheet
221Kb / 4P
250mW High Speed Switching Array
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com