Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7224-20 Datasheet (PDF) - Tripp Lite. All Rights Reserved

PS7224-20 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # PS7224-20
Download  PS7224-20 Download
File Size   32.32 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 24-Outlet Vertical Power Strip, 120V, 20A, 5-20P, 15 ft. (4.57 m) Cord, 72 in.

PS7224-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7224-20 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # PS7224-20
Download  PS7224-20 Click to download

File Size   32.32 Kbytes
Page   3 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 24-Outlet Vertical Power Strip, 120V, 20A, 5-20P, 15 ft. (4.57 m) Cord, 72 in.

PS7224-20 Datasheet (HTML) - Tripp Lite. All Rights Reserved


PS7224-20 Product details

Description
Tripp Lite's PS7224-20 power strip offers 20 amp, 120V multi-outlet AC power distribution in a convenient
72 inch mountable housing. Offers horizontal or vertical power distribution in rackmount, raceway and
workbench applications. Includes 24 output receptacles with 2.795 inch center-to-center spacing, 15-ft.
(4.57 m) AC line cord and lighted power switch with locking transparent cover to prevent accidental
shutoff. Sturdy all-metal extruded aluminum housing stands up to demanding network, laboratory or
factory environments.
INPUT/OUTPUT: Input: NEMA 5-20P/Output: 22 NEMA 5-15R & 2 NEMA 5-20R
ELECTRICAL: 120V AC, 50/60Hz, 20A
FORMAT: 72 in. corded, mountable power strip

Features
- Sturdy all-metal 72 inch corded strip format with 2.795 inch center-to-center outlet spacing
Included mounting hardware supports vertical or horizontal mounting in rack enclosures, raceways and more
- Includes 22 NEMA 5-15R and 2 NEMA 5-20R output receptacles
- Ideal for horizontal or vertical raceway style power distribution in office, workbench, industrial,
networking and telecom applications
- Lighted power switch with locking transparent cover prevents accidental shutoff
- 20 amp electrical capacity with circuit breaker
- 120V AC, 50/60Hz electrical compatibility




Similar Part No. - PS7224-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS7224-20 ETC2-PS7224-20 Datasheet
463Kb / 4P
24-outlet Vertical Power Strip with 15-ft. Cord and 20A Circuit Breaker
PS7224-20HW ETC2-PS7224-20HW Datasheet
459Kb / 3P
24-outlet Vertical Power Strip with Hardwire Input and 20A Circuit Breaker
PS7224-20T ETC2-PS7224-20T Datasheet
462Kb / 4P
24-outlet Vertical Power Strip with 20A Circuit Breaker and 15-ft. Cord with Locking L5-20P Plug
More results


Similar Description - PS7224-20

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS120420 TRIPPLITE-PS120420 Datasheet
159Kb / 3P
4-Outlet Vertical Power Strip, 2-15A & 2-20A, 120V, 15 ft. (4.57 m) Cord, 5-20P, 12 in.
PS2408B TRIPPLITE-PS2408B Datasheet
175Kb / 3P
8-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 24 in., Black Housing
PS2408RA TRIPPLITE-PS2408RA Datasheet
173Kb / 3P
8 Right-Angle Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 24 in.
PS361220 TRIPPLITE-PS361220 Datasheet
160Kb / 4P
12-Outlet (10-15A & 2-20A) Vertical Power Strip, 120V, 20A, 15 ft. (4.57 m)Cord, 5-20P, 36 in.
PS2408 TRIPPLITE-PS2408 Datasheet
52Kb / 3P
8-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 24 in.
PS2408RA TRIPPLITE-PS2408RA_V01 Datasheet
51Kb / 3P
8 Right-Angle Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 24 in.
PS3612 TRIPPLITE-PS3612 Datasheet
48Kb / 3P
12-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 36 in.
PS361220 TRIPPLITE-PS361220_V01 Datasheet
37Kb / 4P
12-Outlet (10-15A & 2-20A) Vertical Power Strip, 120V, 20A, 15 ft. (4.57 m)Cord, 5-20P, 36 in.
PS4816 TRIPPLITE-PS4816 Datasheet
47Kb / 3P
16-Outlet Vertical Power Strip, 15 ft. (4.57 m) Cord, 5-15P, 48 in.
PS6020 TRIPPLITE-PS6020 Datasheet
46Kb / 3P
20-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 60 in.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com