Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS7415-15 Datasheet (PDF) - Tripp Lite. All Rights Reserved

SS7415-15 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # SS7415-15
Download  SS7415-15 Download
File Size   161.42 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 16-Outlet Industrial Surge Protector, 15 ft. (4.57 m) Cord, 1650 Joules, Metal Housing, 48 in. Length

SS7415-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS7415-15 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # SS7415-15
Download  SS7415-15 Click to download

File Size   161.42 Kbytes
Page   4 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description 16-Outlet Industrial Surge Protector, 15 ft. (4.57 m) Cord, 1650 Joules, Metal Housing, 48 in. Length

SS7415-15 Datasheet (HTML) - Tripp Lite. All Rights Reserved


SS7415-15 Product details

Description
Recommended for connecting multiple loads in commercial or retail environments, the SS7415-15 16-Outlet Industrial Surge Protector features a surge protection rating of 1650 joules to defend your sensitive electronic components against strong surges and spikes. It filters out electromagnetic interference (EMI) and radio frequency interference (RFI) that can disrupt your electronics and inflict hardware damage or data loss. Your devices plug into 16 NEMA 5-15R outlets, which are spaced 2.7 inches apart center to center to reduce cable clutter and accommodate bulky transformers. An integrated 15A circuit breaker protects all outlets and shuts down connected equipment in case of overload. The lighted on/off switch with transparent safety cover provides one-touch control over connected equipment. A diagnostic LED confirms your connected equipment is protected. The long 15-ft. (4.57 m) AC power cord with NEMA 5-15P plug gives you flexibility to reach distant outlets while fitting easily into your setup. Adjustable clips are included for mounting the 48-inch all-metal housing horizontally or vertically on a variety of surfaces.

Features
1650-Joule Surge Protection for Industrial Electronics
- Protects multiple loads against even the strongest surges and spikes in equipment racks, server rooms, workbenches, raceways and other commercial or retail environments
- Recommended for networks, telecom systems, audio/video systems and live sound applications
requiring AC line protection
- Filters out disruptive EMI/RFI line noise that can cause equipment damage or data loss
16 Outlets Accept Wide Range of Electronic Devices
- 16 NEMA 5-15R AC outlets accept most computer, networking and telecom equipment
- Outlets are spaced 2.7 in. center to center to reduce cable clutter and accommodate bulky transformers




Similar Part No. - SS7415-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS7415-15 ETC2-SS7415-15 Datasheet
464Kb / 4P
16 outlet, 15-ft cord, 450 joule Power Strip with Surge Suppression
More results


Similar Description - SS7415-15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISOBAR12ULTRA ETC2-ISOBAR12ULTRA Datasheet
486Kb / 5P
12-Outlet Isobar Rackmount Surge Protector with 15-ft Cord and All-Metal Housing
IBAR12 ETC2-IBAR12 Datasheet
486Kb / 5P
12 outlet, 15-ft cord, 3840 joules, All metal housing Rackmount Isobar Surge Suppressor
logo
Tripp Lite. All Rights ...
EURO-4 TRIPPLITE-EURO-4 Datasheet
165Kb / 4P
Isobar 4-Outlet 230V Surge Protector, Detachable 6 ft. (1.8 m) Cord, 680 Joules, Metal Housing
IBR12 TRIPPLITE-IBR12 Datasheet
164Kb / 4P
Isobar 12-Outlet Network Server Surge Protector, 15 ft. Cord, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount, Metal Housing
ISOBAR12ULTRA TRIPPLITE-ISOBAR12ULTRA Datasheet
163Kb / 4P
Isobar 12-Outlet Surge Protector, 15 ft. (4.57 m) Cord, 3840 Joules, Diagnostic LEDs, 1U Rack-Mount
PS4816B TRIPPLITE-PS4816B Datasheet
170Kb / 3P
16-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 48 in., Black Housing
SS361220 TRIPPLITE-SS361220 Datasheet
164Kb / 4P
12-Outlet (10-15A & 2-20A) Power Strip with Surge Protection, 15 ft. (4.57 m) Cord, 1650 Joules, 36 in.
SS480806 TRIPPLITE-SS480806 Datasheet
162Kb / 4P
8-Outlet Power Strip with Surge Protection, 6 ft. (1.83 m) Cord, 1650 Joules, 48 in. length
PS4816 TRIPPLITE-PS4816 Datasheet
47Kb / 3P
16-Outlet Vertical Power Strip, 15 ft. (4.57 m) Cord, 5-15P, 48 in.
PS4816B TRIPPLITE-PS4816B_V01 Datasheet
48Kb / 3P
16-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 48 in., Black Housing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com