Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1496V Datasheet (PDF) - Renesas Technology Corp

SLG59M1496V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1496V
Download  SLG59M1496V Download
File Size   297.65 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 7.8 mW, 5.3 A Load Switch with Discharge

SLG59M1496V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1496V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1496V
Download  SLG59M1496V Click to download

File Size   297.65 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 7.8 mW, 5.3 A Load Switch with Discharge

SLG59M1496V Datasheet (HTML) - Renesas Technology Corp


SLG59M1496V Product details

General Description
The SLG59M1496V is a 7.8 mW 5.3 A single-channel load
switch that is able to switch 0.85 V to 5 V power rails. The
product is packaged in an ultra-small 1.5 x 2.0 mm package.
Features
• 1.5 x 2.0 mm FC-TDFN 8L package (2 fused pins for drain
and 2 fused pins for source)
• Logic level ON pin capable of supporting 0.85 V CMOS
Logic
• User selectable ramp rate with external capacitor
• 7.8 mW RDSONwhile supporting 5.3 A
• Discharges load when off
• Two Over Current Protection Modes
• Short Circuit Current Limit
• Active Current Limit
• Over Temperature Protection
• Pb-Free / Halogen-Free / RoHS compliant
• Operating Temperature: -40 °C to 85°C
• Operating Voltage: 2.5 V to 5.5 V




Similar Part No. - SLG59M1496V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1496V DIALOG-SLG59M1496V Datasheet
128Kb / 10P
Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
SLG59M1496VTR DIALOG-SLG59M1496VTR Datasheet
128Kb / 10P
Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
More results


Similar Description - SLG59M1496V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1456V DIALOG-SLG59M1456V Datasheet
117Kb / 10P
Ultra-small 7.8 m廓 5 A Load Switch with Discharge
SLG59M1457V DIALOG-SLG59M1457V Datasheet
131Kb / 11P
Ultra-small 7.8 m廓 6 A Load Switch with Discharge
SLG59M1496V DIALOG-SLG59M1496V Datasheet
128Kb / 10P
Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
logo
Renesas Technology Corp
SLG5NT1432V RENESAS-SLG5NT1432V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch with Discharge
February 7, 2022
SLG59M1456V RENESAS-SLG59M1456V Datasheet
296Kb / 11P
Ultra-small 7.8 mW 5 A Load Switch with Discharge
February 4, 2022
SLG59M308V RENESAS-SLG59M308V Datasheet
312Kb / 12P
Industrial Temperature Ultra-small 7.8 mW 3 A Load Switch with Discharge
August 8, 2022
SLG59M309V RENESAS-SLG59M309V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch
February 14, 2022
SLG5NT1461V RENESAS-SLG5NT1461V Datasheet
301Kb / 12P
Ultra-small 7.8 mW 6 A Load Switch with Discharge
February 7, 2022
SLG5NT1487V RENESAS-SLG5NT1487V Datasheet
296Kb / 11P
Ultra-small 7.8 mW 5 A Load Switch with Discharge
February 7, 2022
SLG7NT408V RENESAS-SLG7NT408V Datasheet
295Kb / 12P
Ultra-small 7.8 mW, 4 A Load Switch
February 25, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com