Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG59M1618V Datasheet (PDF) - Renesas Technology Corp

SLG59M1618V Datasheet PDF - Renesas Technology Corp
Part # SLG59M1618V
Download  SLG59M1618V Download
File Size   754.9 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 19 mW 2.0 A Load Switch

SLG59M1618V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG59M1618V Datasheet PDF - Renesas Technology Corp

Part # SLG59M1618V
Download  SLG59M1618V Click to download

File Size   754.9 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-small 19 mW 2.0 A Load Switch

SLG59M1618V Datasheet (HTML) - Renesas Technology Corp


SLG59M1618V Product details

General Description
The SLG59M1618V is a 19 mΩ 2.0 A single-channel load
switch that is able to switch 0.85 V to 5 V power rails. The
product is packaged in an ultra-small 1.0 x 1.4 mm package.
Features
• 1.0 x 1.4 mm STDFN, 0.4 mm pin pitch package
• Logic level ON pin capable of supporting 0.85 V CMOS
Logic
• User selectable ramp rate with external capacitor
• 19 mΩ RDSON while supporting 2.0 A
• Over Temperature Protection
• Pb-Free / Halogen-Free / RoHS compliant
• Operating Temperature: -40 °C to 85°C
• Operating Voltage: 2.5 V to 5.5 V




Similar Part No. - SLG59M1618V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1618V DIALOG-SLG59M1618V Datasheet
737Kb / 14P
Ultra-small 19 m廓 2.0 A Load Switch
More results


Similar Description - SLG59M1618V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1618V DIALOG-SLG59M1618V Datasheet
737Kb / 14P
Ultra-small 19 m廓 2.0 A Load Switch
logo
Renesas Technology Corp
SLG5NT1432V RENESAS-SLG5NT1432V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch with Discharge
February 7, 2022
SLG59M1456V RENESAS-SLG59M1456V Datasheet
296Kb / 11P
Ultra-small 7.8 mW 5 A Load Switch with Discharge
February 4, 2022
SLG59M1551V RENESAS-SLG59M1551V Datasheet
399Kb / 9P
Ultra-small 15.5 mW 2.0 A GreenFET Load Switch with Discharge
February 10, 2022
SLG59M1556V RENESAS-SLG59M1556V Datasheet
398Kb / 9P
Ultra-small 15.5 mW 2.0 A GreenFET Load Switch
February 10, 2022
SLG59M1599V RENESAS-SLG59M1599V Datasheet
377Kb / 10P
Ultra-small 40 mW / 1.0 A Dual Load Switch
February 4, 2022
SLG59M309V RENESAS-SLG59M309V Datasheet
295Kb / 11P
Ultra-small 7.8 mW 4 A Load Switch
February 14, 2022
SLG5NT1461V RENESAS-SLG5NT1461V Datasheet
301Kb / 12P
Ultra-small 7.8 mW 6 A Load Switch with Discharge
February 7, 2022
SLG5NT1594V RENESAS-SLG5NT1594V Datasheet
377Kb / 11P
Ultra-small 28.5 mW, 1.0 A Load Switch
February 7, 2022
SLG7NT408V RENESAS-SLG7NT408V Datasheet
295Kb / 12P
Ultra-small 7.8 mW, 4 A Load Switch
February 25, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com