Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS5120T Datasheet (PDF) - Nexperia B.V. All rights reserved

PBSS5120T Datasheet PDF - Nexperia B.V. All rights reserved
Part # PBSS5120T
Download  PBSS5120T Download
File Size   324.94 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 1 A PNP low VCEsat (BISS) transistor

PBSS5120T Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5120T Datasheet PDF - Nexperia B.V. All rights reserved

Part # PBSS5120T
Download  PBSS5120T Click to download

File Size   324.94 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20 V, 1 A PNP low VCEsat (BISS) transistor

PBSS5120T Datasheet (HTML) - Nexperia B.V. All rights reserved


PBSS5120T Product details

FEATURES
•Low collector-emitter saturation voltage VCEsat
•High collector current capability IC and ICM
•High efficiency leading to less heat generation
•Reduced printed-circuit board requirements
•Cost effective alternative for MOSFETs in specific applications.

APPLICATIONS
•Power management
–DC/DC conversion
–Supply line switching
–Battery charger
–LCD backlighting.
•Peripheral drivers
–Driver in low supply voltage applications (e.g. lamps and LEDs)
–Inductive load drivers (e.g. relays, buzzers and motors).

DESCRIPTION
PNP BISS transistor in a SOT23 plastic package providing ultra low VCEsat and RCEsat parameters.
NPN complement: PBSS4120T.




Similar Part No. - PBSS5120T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5120T PHILIPS-PBSS5120T Datasheet
47Kb / 7P
20 V, 1 A PNP low VCEsat (BISS) transistor
2003 Sep 29
PBSS5120T PHILIPS-PBSS5120T_15 Datasheet
125Kb / 7P
PNP low VCEsat (BISS) transistor 20 V, 1 A
2003 Sep 29
More results


Similar Description - PBSS5120T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5120T PHILIPS-PBSS5120T Datasheet
47Kb / 7P
20 V, 1 A PNP low VCEsat (BISS) transistor
2003 Sep 29
PBSS5320X PHILIPS-PBSS5320X Datasheet
121Kb / 12P
20 V, 3 A PNP Low VCEsat (BISS) transistor
2004 Nov 04
PBSS5420D NXP-PBSS5420D Datasheet
124Kb / 14P
20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
PBSS302PZ NXP-PBSS302PZ Datasheet
172Kb / 14P
20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5120T PHILIPS-PBSS5120T_15 Datasheet
125Kb / 7P
PNP low VCEsat (BISS) transistor 20 V, 1 A
2003 Sep 29
PBSS5220V PHILIPS-PBSS5220V_15 Datasheet
182Kb / 13P
20 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
logo
Nexperia B.V. All right...
PBSS4021SP NEXPERIA-PBSS4021SP Datasheet
1Mb / 15P
20 V, 6.3 A PNP/PNP low VCEsat (BISS) transistor
PBSS4021PZ NEXPERIA-PBSS4021PZ Datasheet
729Kb / 15P
20 V, 6.6 A PNP low VCEsat (BISS) transistor
Rev. 01 - 31 March 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com