Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCC201E4203HT Datasheet (PDF) - Vishay Siliconix

NTCC201E4203HT Datasheet PDF - Vishay Siliconix
Part # NTCC201E4203HT
Download  NTCC201E4203HT Download
File Size   93.43 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Enhanced Leadless NTC Thermistor Die Suitable for Wire Bonding

NTCC201E4203HT Datasheet (PDF)

Go To PDF Page Download Datasheet
NTCC201E4203HT Datasheet PDF - Vishay Siliconix

Part # NTCC201E4203HT
Download  NTCC201E4203HT Click to download

File Size   93.43 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Enhanced Leadless NTC Thermistor Die Suitable for Wire Bonding

NTCC201E4203HT Datasheet (HTML) - Vishay Siliconix


NTCC201E4203HT Product details

FEATURES
• Flat chip contacted top and bottom (NTCC201E4 series)
• Green thermistor - does not use RoHS exemptions
• Wide temperature range from -55 °C to +175 °C
(resistant to repetitive short periods at 200 °C, as for example, 10 times 10 s)
• Highly resistant to mounting conditions
• Ideal for aluminum wire
• Resistance to leaching during reflow soldering process
• Delivered on blister tape
• AEC-Q200 qualified
• Material categorization: for definitions of compliance

APPLICATIONS
• High temperature sensing, control and compensation in
power semiconductor modules (e.g. IGBT, SiC MOSFET,
Diodes, …), inverters in EV/HEV vehicles, and windmills
• IC and semiconductor protecting
• DC/AC power inverters and HIC overheat protecting




Similar Part No. - NTCC201E4203HT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCC201E4203T VISHAY-NTCC201E4203T Datasheet
93Kb / 3P
Enhanced Leadless NTC Thermistor Die Suitable for Wire Bonding
24-Mar-2022
More results


Similar Description - NTCC201E4203HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
NTC THERMISTOR
logo
Vishay Siliconix
NTCC200E4 VISHAY-NTCC200E4 Datasheet
93Kb / 3P
Leadless NTC Thermistor Die Suitable for Wire Bonding
13-Oct-15
NTCC100E4 VISHAY-NTCC100E4_17 Datasheet
83Kb / 2P
Leadless NTC Thermistor Dies
24-Mar-17
NTCC200E4 VISHAY-NTCC200E4_17 Datasheet
114Kb / 3P
Leadless NTC Thermistor Die Suitable
20-Mar-17
NTCC200E4 VISHAY-NTCC200E4_18 Datasheet
101Kb / 3P
Leadless NTC Thermistor Die Suitable for Wire Bonding
20-Jul-2018
NTCC200E4 VISHAY-NTCC200E4_V01 Datasheet
85Kb / 3P
Leadless NTC Thermistor Die Suitable for Wire Bonding
09-Dec-2020
logo
List of Unclassifed Man...
NTCM-5K-B3470 ETC-NTCM-5K-B3470 Datasheet
214Kb / 9P
Specifications for NTC Thermistor
logo
Vishay Siliconix
NTCC100E4 VISHAY-NTCC100E4_V01 Datasheet
81Kb / 2P
Leadless NTC Thermistor Dies
24-Mar-17
NTCC200E4C90008 VISHAY-NTCC200E4C90008 Datasheet
83Kb / 3P
Leadless NTC Thermistor Die Intended for Wire Bonding
09-Dec-2020
NTCC201E4 VISHAY-NTCC201E4 Datasheet
93Kb / 3P
Enhanced Leadless NTC Thermistor Die Suitable for Wire Bonding
24-Mar-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com