Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAX12 Datasheet (PDF) - NXP Semiconductors

BAX12 Datasheet PDF - NXP Semiconductors
Part # BAX12
Download  BAX12 Download
File Size   39.4 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Controlled avalanche diode

BAX12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAX12 Datasheet PDF - NXP Semiconductors

Part # BAX12
Download  BAX12 Click to download

File Size   39.4 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Controlled avalanche diode

BAX12 Datasheet (HTML) - NXP Semiconductors


BAX12 Product details

DESCRIPTION
The BAX12 is a controlled avalanche diode fabricated in planar technology, and encapsulated in the hermetically sealed leaded glass SOD27 (DO-35) package.
   
FEATURES
• Hermetically sealed leaded glass
    SOD27 (DO-35) package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage:
    max. 90 V
• Repetitive peak reverse voltage:
    max. 90 V
• Repetitive peak forward current:
    max. 800 mA
• Repetitive peak reverse current:
    max. 600 mA
• Capable of absorbing transients
    repetitively.
   
APPLICATIONS
• Switching of inductive loads in
    semi-electronic telephone
    exchanges.
   




Similar Part No. - BAX12

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BAX12 EIC-BAX12 Datasheet
116Kb / 2P
CONTROLLED AVALANCHE DIODES
logo
New Jersey Semi-Conduct...
BAX12 NJSEMI-BAX12 Datasheet
181Kb / 2P
Controlled avalanche diode
logo
SUNMATE electronic Co.,...
BAX12 SUNMATE-BAX12 Datasheet
485Kb / 2P
CONTROLLED AVALANCHE DIODES
logo
EIC discrete Semiconduc...
BAX12A EIC-BAX12A Datasheet
116Kb / 2P
CONTROLLED AVALANCHE DIODES
logo
SUNMATE electronic Co.,...
BAX12A SUNMATE-BAX12A Datasheet
485Kb / 2P
CONTROLLED AVALANCHE DIODES
More results


Similar Description - BAX12

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE570 NTE-NTE570 Datasheet
14Kb / 1P
Silicon Controlled Avalanche Diode
logo
NXP Semiconductors
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BY527 PHILIPS-BY527 Datasheet
46Kb / 7P
Controlled avalanche rectifier
1996 Jun 11
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Oct 03
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
Controlled avalanche rectifiers
logo
New Jersey Semi-Conduct...
BAX12 NJSEMI-BAX12 Datasheet
181Kb / 2P
Controlled avalanche diode
logo
SUNMATE electronic Co.,...
BAX12A SUNMATE-BAX12A Datasheet
485Kb / 2P
CONTROLLED AVALANCHE DIODES
logo
NXP Semiconductors
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
Controlled avalanche rectifiers
1996 Jun 19
logo
New Jersey Semi-Conduct...
BY527 NJSEMI-BY527 Datasheet
131Kb / 2P
Controlled avalanche rectifier
logo
Toshiba Semiconductor
25QF11 TOSHIBA-25QF11 Datasheet
64Kb / 1P
CONTROLLED AVALANCHE RECTIFIER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com