Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB132 Datasheet (PDF) - NXP Semiconductors

BB132 Datasheet PDF - NXP Semiconductors
Part # BB132
Download  BB132 Download
File Size   54.12 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description VHF variable capacitance diode

BB132 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB132 Datasheet PDF - NXP Semiconductors

Part # BB132
Download  BB132 Click to download

File Size   54.12 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description VHF variable capacitance diode

BB132 Datasheet (HTML) - NXP Semiconductors


BB132 Product details

DESCRIPTION
The BB132 is a variable capacitance diode fabricated in planar technology, and encapsulated in the SOD323 very small plastic SMD package.
The excellent matching performance is achieved by gliding matching and a direct matching assembly procedure.

FEATURES
• High linearity
• Excellent matching to 1% DMA
• Very small plastic SMD package
• C28: 2.5 pF; ratio: 26.

APPLICATIONS
• Electronic tuning in VHF television tuners, band A up to 160 MHz
• VCO.




Similar Part No. - BB132

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB132 LRC-BB132 Datasheet
67Kb / 2P
VHF Variable Capacitance Diode
logo
Laird Tech Smart Techno...
BB132S LSTD-BB132S Datasheet
869Kb / 2P
Mobile Load Coil Antenna
More results


Similar Description - BB132

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BB187 LRC-BB187 Datasheet
140Kb / 2P
VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
VHF variable capacitance diode
2002 Mar 05
BB181 NXP-BB181 Datasheet
226Kb / 6P
VHF variable capacitance diode
Rev. 02-2 January 2008
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-29 January 2009
logo
Quanzhou Jinmei Electro...
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
VHF variable capacitance diode
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
VHF variable capacitance diode
logo
NXP Semiconductors
BB170 PHILIPS-BB170_15 Datasheet
93Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
VHF variable capacitance diode
Rev. 01-19 February 2009
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
VHF variable capacitance diode
logo
NXP Semiconductors
BB173 NXP-BB173 Datasheet
86Kb / 8P
VHF variable capacitance diode
Rev. 1-25 March 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com