Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2901 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM2901 Datasheet PDF - Texas Instruments
Part # LM2901
Download  LM2901 Download
File Size   1134.65 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator

LM2901 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2901 Datasheet PDF - Texas Instruments

Part # LM2901
Download  LM2901 Click to download

File Size   1134.65 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator

LM2901 Datasheet (HTML) - Texas Instruments


LM2901 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 Qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification levels:
• Class 1C for "AV" version
• Class 2 for all other versions
– Device CDM ESD classification level C3
• Improved 2 kV HBM ESD for "B" device
• Single supply or dual supplies
• Low supply-current independent of
supply voltage 200 uA typical per
comparator ("B" Versions)
• Low input bias current 3.5 nA typical ("B" device)
• Low input offset current 0.5 nA typ ("B" device)
• Low input offset voltage ±0.37 mV typ ("B" device)
• Common-mode input voltage range includes
ground
• Differential input voltage range equal to maximumrated
supply voltage ±36 V
• Output compatible with TTL, MOS, and CMOS
• For single version in SOT, see the TL331-Q1
(SLVS969)
• For dual version in multiple packages, see the
LM2903x-Q1 (SLCS141)
• Functional Safety-Capable
– Documentation available to aid functional safety
system design

2 Applications
• Automotive
– HEV/EV and power train
– Infotainment and cluster
– Body control module
• Industrial
• Appliances

3 Description
The LM2901B-Q1 device is the next generation
version of the industry-standard LM2901x-Q1
comparator family. This next generation family
provides outstanding value for cost-sensitive
applications, with features including lower offset
voltage, higher supply voltage capability, lower supply
current, lower input bias current, lower propagation
delay, and improved 2kV ESD performance with dropin
replacement convenience.
All devices consist of four independent voltage
comparators that are designed to operate over a wide
range of voltages. Operation from dual supplies also
is possible as long as the difference between the two
supplies is within 2 V to 36 V, and VCC is at least 1.5
V more positive than the input common-mode voltage.
The outputs can be connected to other open-collector
outputs.
The "V" versions operate up to 32V, and the "B"
version operates up to 36V. All are qualified for the
AEC-Q100 Grade 1 temperature range of -40°C to
+125°C.




Similar Part No. - LM2901

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2901 NSC-LM2901 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
NXP Semiconductors
LM2901 PHILIPS-LM2901 Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
LOW POWER QUAD VOLTAGE COMPARATORS
Rev 2
logo
Fairchild Semiconductor
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
Quad Comparator
logo
Intersil Corporation
LM2901 INTERSIL-LM2901 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results


Similar Description - LM2901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2901-Q1 TI1-LM2901-Q1_16 Datasheet
930Kb / 20P
LM2901x-Q1 Quadruple Differential Comparator
LM2901-Q1 TI-LM2901-Q1_V01 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1 Datasheet
2Mb / 58P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V01 Datasheet
2Mb / 59P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V02 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
LM2901-Q1 TI1-LM2901-Q1_V03 Datasheet
1Mb / 29P
LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V03 Datasheet
2Mb / 60P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI1-TLV9020-Q1_V04 Datasheet
2Mb / 61P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V05 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
TLV9020-Q1 TI-TLV9020-Q1_V06 Datasheet
2Mb / 66P
TLV902x-Q1 and TLV903x-Q1 Precision Automotive Comparator Family
REVISED MARCH 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com