Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC69602 Datasheet (PDF) - Texas Instruments

TLC69602 Datasheet PDF - Texas Instruments
Part # TLC69602
Download  TLC69602 Download
File Size   1381.84 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLC696x2/4/8 16-Channel, 2/4/8 Time-Multiplexing, Local Dimming Backlight LED Driver

TLC69602 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC69602 Datasheet PDF - Texas Instruments

Part # TLC69602
Download  TLC69602 Click to download

File Size   1381.84 Kbytes
Page   11 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLC696x2/4/8 16-Channel, 2/4/8 Time-Multiplexing, Local Dimming Backlight LED Driver

TLC69602 Datasheet (HTML) - Texas Instruments


TLC69602 Product details

1 Features
• Operating voltage VCC range: 3 V to 5.5 V
• 16 constant current sinks with high precision:
– Maximum output current / voltage:
• 30 mA / 20 V: TLC69602/4/8
• 60 mA / 20 V: TLC69612/4/8
• 30 mA / 50 V: TLC69652/4/8
• 60 mA / 50 V: TLC69662/4/8
– Device-to-device error: ±2% (typ.)
– Channel-to-channel error: ±2% (typ.)
• Flexible dimming control:
– Global 8-bit Maximum Current (MC) setting
– Brightness resolution: up to 15-bit
– PWM / Hybrid control mode
• High speed daisy chain interface:
– I/O voltage compatible with: 1.8 V / 3.3 V
– Data transfer rate: up to 20 MHz
• High system efficiency:
– Adaptive headroom voltage control (AHVC)
– Ultra-low device power consumption:
• Standby mode: ICC ≤ 200 uA
• Normal mode: ICC ≤ 3.5 mA
• EMI enhancement:
– Programmable interface driving capability
– Integrated 4 phase-shifting schemes
• Display quality improvement:
– Minimum brightness update latency
– Programmable black insertion
– Variable refresh rate (VRR) without flickering
• Diagnostics:
– LED open / short detection for each zone
– Device thermal shutdown detection
– Report interface option:
• UART and interrupt pin (INT)
• Two-wire output: CLK_O and SOUT

2 Applications
• LCD local dimming backlight:
– TV
– Monitor
– Notebook
– Tablet

3 Description
TLC696x2/4/8 devices are a family of LCD local
dimming back-light driver compatible with TLC696x0
which is a scan MOSFET controller to achieve 2/4/8
time-multiplexing control. Each device integrates 16
constant current sinks with corresponding size of
SRAM for brightness storage. The device connects to
each other by two-wire serial interface in diasy chain
topology and supports up to 1024 devices for more
than 32,000 local dimming zones.
To optimize system efficiency, the device equips with
adaptive headroom voltage control scheme to directly
control DC/DC. Only the FB pin from last device in
serial chain should be connected to DC/DC to achieve
simplified system layout. The device also integrates
minimum brightness update latency, black insertion
and VRR features to improve display quality.
TLC696x2/4/8 has three error flags: LED open
detection (LOD), LED short detection (LSD) and
thermal shutdown detection (TSD) for diagnostic. The
device implements two options for readback including
UART/INT and SOUT/CLK_O which is programmable
by register.




Similar Part No. - TLC69602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC69602 TI-TLC69602 Datasheet
1Mb / 11P
TLC696x2/4/8 16-Channel, 2/4/8 Time-Multiplexing, Local Dimming Backlight LED Driver
APRIL 2023
TLC69602 TI1-TLC69602 Datasheet
1Mb / 10P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69602 TI1-TLC69602 Datasheet
1Mb / 12P
TLC696x2/4/8 16-Channel, 2/4/8 Time-Multiplexing, Local Dimming Backlight LED Driver
APRIL 2023
TLC69602-Q1 TI-TLC69602-Q1 Datasheet
1Mb / 8P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69602-Q1 TI-TLC69602-Q1 Datasheet
1Mb / 8P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
More results


Similar Description - TLC69602

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5998 GMT-G5998 Datasheet
82Kb / 1P
8-CH Local Dimming LED Driver IC
logo
Texas Instruments
TLC69601 TI-TLC69601 Datasheet
1Mb / 11P
TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TLC69601 TI-TLC69601_V01 Datasheet
1Mb / 11P
TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TLC69602 TI-TLC69602_V01 Datasheet
1Mb / 11P
TLC696x2/4/8 16-Channel, 2/4/8 Time-Multiplexing, Local Dimming Backlight LED Driver
APRIL 2023
TLC69602-Q1 TI-TLC69602-Q1 Datasheet
1Mb / 8P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69601-Q1 TI-TLC69601-Q1 Datasheet
1,014Kb / 8P
TLC696x1-Q1 16-Channel, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69602-Q1 TI-TLC69602-Q1_V01 Datasheet
1Mb / 8P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69601-Q1 TI1-TLC69601-Q1_V01 Datasheet
1Mb / 9P
TLC696x1-Q1 16-Channel, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69602-Q1 TI1-TLC69602-Q1_V02 Datasheet
1Mb / 10P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69601-Q1 TI-TLC69601-Q1_V02 Datasheet
1Mb / 11P
TLC696x1-Q1 16-Channel, Automotive Local Dimming Backlight LED Driver
JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com