Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5350-EVAL Datasheet (PDF) - Analog Devices

ADL5350-EVAL Datasheet PDF - Analog Devices
Part # ADL5350-EVAL
Download  ADL5350-EVAL Download
File Size   262.41 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LF to 4 GHz High Linearity Y-Mixer

ADL5350-EVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5350-EVAL Datasheet PDF - Analog Devices

Part # ADL5350-EVAL
Download  ADL5350-EVAL Click to download

File Size   262.41 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LF to 4 GHz High Linearity Y-Mixer

ADL5350-EVAL Datasheet (HTML) - Analog Devices


ADL5350-EVAL Product details

GENERAL DESCRIPTION
The ADL5350 is a high linearity, up-and-down converting mixer capable of operating over a broad input frequency range. It is well suited for demanding cellular base-station mixer designs that require high sensitivity and efficient blocker immunity. Based on a GaAs pHEMT single-ended mixer architecture, the ADL5350 provides excellent input linearity and low noise figure without the need for a high power level, local oscillator (LO) drive.

FEATURES
   Broadband RF, IF, and LO ports
   Conversion loss: 6 dB
   Noise figure: 6 dB
   High input IP3: 26 dBm
   High input P1dB: 17 dBm
   Low LO drive level
   Single-ended design: no need for baluns
   Single-supply operation: 3 V @ 10 mA
   Miniature 8-lead 3 mm x 2 mm LFCSP package
   RoHS compliant

APPLICATIONS
   Cellular base station
   Point-to-point radio links
   RF instrumentation




Similar Part No. - ADL5350-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5350-EVALZ AD-ADL5350-EVALZ Datasheet
409Kb / 24P
LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350-EVALZ AD-ADL5350-EVALZ Datasheet
409Kb / 24P
LF to 4 GHz High Linearity Y-Mixer
REV. 0
More results


Similar Description - ADL5350-EVAL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
logo
Analog Devices
ADL5350 AD-ADL5350_08 Datasheet
409Kb / 24P
LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350ACPZ AD-ADL5350ACPZ Datasheet
409Kb / 24P
LF to 4 GHz High Linearity Y-Mixer
REV. 0
AD8342 AD-AD8342_15 Datasheet
818Kb / 24P
Active Receive Mixer LF to 3 GHz
REV. B
logo
Linear Technology
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
0.4GHz to 2.7GHz High Linearity Upconverting Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com