Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7221 Datasheet (PDF) - Texas Instruments

TMUX7221 Datasheet PDF - Texas Instruments
Part # TMUX7221
Download  TMUX7221 Download
File Size   1347.47 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic

TMUX7221 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX7221 Datasheet PDF - Texas Instruments

Part # TMUX7221
Download  TMUX7221 Click to download

File Size   1347.47 Kbytes
Page   36 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic

TMUX7221 Datasheet (HTML) - Texas Instruments


TMUX7221 Product details

1 Features
• Latch-up immune
• Dual supply range: ±4.5 V to ±22 V
• Single supply range: 4.5 V to 44 V
• Low on-resistance: 2.1 Ω
• –40°C to +125°C operating temperature
• 1.8 V logic compatible
• Integrated pull-down resistor on logic pins
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional operation

2 Applications
• Optical Networking
• Optical Test Equipment
• HVAC Controller
• Ultrasound Scanners
• Active Oscilloscope Probes
• Factory Automation and Industrial Controls
• Programmable Logic Controllers (PLC)
• Analog Input Modules
• Semiconductor Test
• Patient Monitoring and Diagnostics
• Wired Networking
• Data Acquisition Systems

D1
3 Description
The TMUX722x are complementary metal-oxide
semiconductor (CMOS) switches with latch-up
immunity in a dual channel, 1:1 (SPST) configuration.
These devices work with a single supply (4.5 V to 44
V), dual supplies (±4.5 V to ±22 V), or asymmetric
supplies (such as VDD = 12 V, VSS = –5 V). The
TMUX722x supports bidirectional analog and digital
signals on the source (Sx) and drain (D) pins ranging
from VSS to VDD.
The TMUX722x can be enabled or disabled by
controlling the SEL pins turning on signal path 1
(S1 to D1) and/or signal path 2 (S2 to D2). All
logic control inputs support logic levels from 1.8 V to
VDD, ensuring both TTL and CMOS logic compatibility
when operating in the valid supply voltage range. Failsafe
logic circuitry allows voltages on the control pins
to be applied before the supply pin, protecting the
device from potential damage. For more information,
see Section 8.3.5.
The TMUX72xx family provides latch-up immunity,
preventing undesirable high current events between
parasitic structures within the device typically caused
by overvoltage events. A latch-up condition typically
continues until the power supply rails are turned off
and can lead to device failure. The latch-up immunity
feature allows the TMUX72xx family of switches and
multiplexers to be used in harsh environments.




Similar Part No. - TMUX7221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7221 TI-TMUX7221 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7221DGSR TI-TMUX7221DGSR Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
More results


Similar Description - TMUX7221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7211 TI-TMUX7211 Datasheet
2Mb / 40P
TMUX721x 44-V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7211 TI-TMUX7211_V01 Datasheet
2Mb / 42P
TMUX721x 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
TMUX7234 TI-TMUX7234 Datasheet
1Mb / 36P
TMUX7234 44-V, Low Ron, 2:1, 4 Channel Precision Switch with Latch-Up Immunity and 1.8-V Logic
TMUX7212-Q1 TI-TMUX7212-Q1 Datasheet
2Mb / 48P
TMUX7212-Q1 44 V, Low-RON, 1:1 (SPST), 4-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
SEPTEMBER 2021
TMUX7234 TI-TMUX7234_V01 Datasheet
1Mb / 38P
TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
AUGUST 2021
TMUX7234 TI1-TMUX7234_V02 Datasheet
1Mb / 45P
TMUX7234 44 V, Low Ron, 2:1, 4 Channel Precision Switches with Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2022
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX7221 TI-TMUX7221_V01 Datasheet
1Mb / 37P
TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
REVISED SEPTEMBER 2023
TMUX7236 TI1-TMUX7236_V02 Datasheet
2Mb / 45P
TMUX7236 44 V, Low-RON, 2:1 (SPDT), 2-Channel Precision Switch With Latch-Up Immunity and 1.8 V Logic
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com