Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X40014 Datasheet (PDF) - Renesas Technology Corp

X40014 Datasheet PDF - Renesas Technology Corp
Part # X40014
Download  X40014 Download
File Size   933.37 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Voltage Monitor with Integrated CPU Supervisor

X40014 Datasheet (PDF)

Go To PDF Page Download Datasheet
X40014 Datasheet PDF - Renesas Technology Corp

Part # X40014
Download  X40014 Click to download

File Size   933.37 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Voltage Monitor with Integrated CPU Supervisor

X40014 Datasheet (HTML) - Renesas Technology Corp


X40014 Product details

FEATURES
• Dual voltage detection and reset assertion
—Standard reset threshold settings
See Selection table on page 2.
—Adjust low voltage reset threshold voltages
using special programming sequence
—Reset signal valid to VCC = 1V
—Monitor three voltages or detect power fail
• Independent Core Voltage Monitor (V2MON)
• Fault detection register
• Selectable power on reset timeout (0.05s,
0.2s, 0.4s, 0.8s)
• Selectable watchdog timer interval (25ms,
200ms,1.4s, off)
• Low power CMOS
—25μA typical standby current, watchdog on
—6μA typical standby current, watchdog off
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—8-lead SOIC, TSSOP
• Monitor Voltages: 5V to 0.9V
• Independent Core Voltage Monitor




Similar Part No. - X40014

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40014 XICOR-X40014 Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40014 INTERSIL-X40014 Datasheet
372Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40014S8-A XICOR-X40014S8-A Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
X40014S8-B XICOR-X40014S8-B Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
X40014S8-C XICOR-X40014S8-C Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
More results


Similar Description - X40014

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40010 INTERSIL-X40010 Datasheet
372Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
July 29, 2005
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
May 25, 2006
X40420 INTERSIL-X40420_06 Datasheet
392Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor and System Battery Switch
May 25, 2006
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
August 25, 2008
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com