Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X40430 Datasheet (PDF) - Renesas Technology Corp

X40430 Datasheet PDF - Renesas Technology Corp
Part # X40430
Download  X40430 Download
File Size   1014.79 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor

X40430 Datasheet (PDF)

Go To PDF Page Download Datasheet
X40430 Datasheet PDF - Renesas Technology Corp

Part # X40430
Download  X40430 Click to download

File Size   1014.79 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4Kbit EEPROM Triple Voltage Monitor with Integrated CPU Supervisor

X40430 Datasheet (HTML) - Renesas Technology Corp


X40430 Product details

FEATURES
• Monitoring voltages: 5V to 9V
• Independent core voltage monitor
• Triple voltage detection and reset assertion
—Standard reset threshold settings. See selection
table on page 2.
—Adjust low voltage reset threshold voltages
using special programming sequence
—Reset signal valid to VCC = 1V
—Monitor three separate voltages
• Fault detection register
• Selectable power-on reset timeout
(0.05s, 0.2s, 0.4s, 0.8s)
• Selectable watchdog timer interval
(25ms, 200ms, 1.4s or off)
• Debounced manual reset input
• Low power CMOS
—25μA typical standby current, watchdog on
—6μA typical standby current, watchdog off
• Memory security
• 4Kbits of EEPROM
—16 byte page write mode
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Block lock protect 0, or 1/2, of EEPROM
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—14 Ld SOIC, TSSOP
• Pb-free plus anneal available (RoHS compliant)
APPLICATIONS
• Communication equipment
—Routers, hubs, switches
—Disk arrays, network storage
• Industrial systems
—Process control
—Intelligent instrumentation
• Computer systems
—Computers
—Network servers




Similar Part No. - X40430

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
July 29, 2005
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40430 INTERSIL-X40430 Datasheet
405Kb / 26P
Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40430S14-A INTERSIL-X40430S14-A Datasheet
381Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
July 29, 2005
logo
Xicor Inc.
X40430S14-A XICOR-X40430S14-A Datasheet
419Kb / 24P
4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
More results


Similar Description - X40430

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
CPU Supervisor with 4kbit EEPROM
September 30, 2005
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
July 29, 2005
logo
Xicor Inc.
X40430 XICOR-X40430 Datasheet
419Kb / 24P
4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40030 INTERSIL-X40030_06 Datasheet
354Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
May 25, 2006
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
CPU Supervisor with 4kbit EEPROM
March 16, 2006
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
August 25, 2008
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com