Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X4283 Datasheet (PDF) - Renesas Technology Corp

X4283 Datasheet PDF - Renesas Technology Corp
Part # X4283
Download  X4283 Download
File Size   881.9 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM

X4283 Datasheet (PDF)

Go To PDF Page Download Datasheet
X4283 Datasheet PDF - Renesas Technology Corp

Part # X4283
Download  X4283 Click to download

File Size   881.9 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM

X4283 Datasheet (HTML) - Renesas Technology Corp


X4283 Product details

FEATURES
• Selectable watchdog timer
• Low VCC detection and reset assertion
—Four standard reset threshold voltages
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Low power CMOS
—<20μA max standby current, watchdog on
—<1μA standby current, watchdog OFF
—3mA active current
• 128Kbits of EEPROM
—64 byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Protect 0, 1/4, 1/2, all or 64, 128, 256 or 512
bytes of EEPROM array with programmable
Block Lock™ protection
• 400kHz 2-wire interface
• 2.7V to 5.5V power supply operation
• Available packages
—8 Ld SOIC
—8 Ld TSSOP
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X4283

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4283 XICOR-X4283 Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
logo
Intersil Corporation
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
CPU Supervisor with 128K EEPROM
March 29, 2005
X4283 INTERSIL-X4283 Datasheet
344Kb / 22P
CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Xicor Inc.
X4283AL XICOR-X4283AL Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
X4283AM XICOR-X4283AM Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
More results


Similar Description - X4283

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4283 XICOR-X4283 Datasheet
412Kb / 22P
CPU Supervisor with 128K EEPROM
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
logo
Intersil Corporation
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
CPU Supervisor with 16K EEPROM
April 13, 2005
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
CPU Supervisor with 128K EEPROM
March 29, 2005
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
1 Megabit (128K x 8-Bit) EEPROM
logo
Intersil Corporation
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
CPU Supervisor with 16K EEPROM
May 12, 2006
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
CPU Supervisor with 128K EEPROM
May 23, 2006
X4163-65 INTERSIL-X4163-65 Datasheet
345Kb / 22P
CPU Supervisor with 16K EEPROM
November 26, 2007
logo
Force Technologies Ltd
FT28C010-XXXXX-X FORCE-FT28C010-XXXXX-X Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com