Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5328 Datasheet (PDF) - Renesas Technology Corp

X5328 Datasheet PDF - Renesas Technology Corp
Part # X5328
Download  X5328 Download
File Size   753.66 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CPU Supervisor with 32Kbit SPI EEPROM

X5328 Datasheet (PDF)

Go To PDF Page Download Datasheet
X5328 Datasheet PDF - Renesas Technology Corp

Part # X5328
Download  X5328 Click to download

File Size   753.66 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CPU Supervisor with 32Kbit SPI EEPROM

X5328 Datasheet (HTML) - Renesas Technology Corp


X5328 Product details

FEATURES
• Low VCC detection and reset assertion
—Five standard reset threshold voltages
—Re-program low VCC reset threshold voltage
using special programming sequence
—Reset signal valid to VCC = 1V
• Long battery life with low power consumption
—<1μA max standby current
—<400μA max active current during read
• 32Kbits of EEPROM
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Protect 0, 1/4, 1/2 or all of EEPROM array with
Block Lock™ protection
—In circuit programmable ROM mode
• 2MHz SPI interface modes (0,0 & 1,1)
• Minimize EEPROM programming time
—32-byte page write mode
—Self-timed write cycle
—5ms write cycle time (typical)
• 2.7V to 5.5V and 4.5V to 5.5V power supply
operation
• Available packages
—8 Ld SOIC
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X5328

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
CPU Supervisor with 32Kbit SPI EEPROM
October 17, 2005
X5328P INTERSIL-X5328P Datasheet
340Kb / 21P
CPU Supervisor with 32Kbit SPI EEPROM
October 17, 2005
X5328P-2.7A INTERSIL-X5328P-2.7A Datasheet
340Kb / 21P
CPU Supervisor with 32Kbit SPI EEPROM
October 17, 2005
X5328P-4.5A INTERSIL-X5328P-4.5A Datasheet
340Kb / 21P
CPU Supervisor with 32Kbit SPI EEPROM
October 17, 2005
X5328PI INTERSIL-X5328PI Datasheet
340Kb / 21P
CPU Supervisor with 32Kbit SPI EEPROM
October 17, 2005
More results


Similar Description - X5328

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
CPU Supervisor with 9Kbit SPI EEPROM
September 16, 2005
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
CPU Supervisor with 16Kbit SPI EEPROM
September 16, 2005
X5328 INTERSIL-X5328 Datasheet
340Kb / 21P
CPU Supervisor with 32Kbit SPI EEPROM
October 17, 2005
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
CPU Supervisor with 64Kbit SPI EEPROM
March 17, 2005
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
June 15, 2006
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
CPU Supervisor with 32kBit SPI EEPROM
June 30, 2008
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
logo
Renesas Technology Corp
X5323 RENESAS-X5323 Datasheet
802Kb / 19P
CPU Supervisor with 32kBit SPI EEPROM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com