Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X80013 Datasheet (PDF) - Renesas Technology Corp

X80013 Datasheet PDF - Renesas Technology Corp
Part # X80013
Download  X80013 Download
File Size   1028.54 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Penta-Power Sequence Controller with Hot swap and System Management

X80013 Datasheet (PDF)

Go To PDF Page Download Datasheet
X80013 Datasheet PDF - Renesas Technology Corp

Part # X80013
Download  X80013 Click to download

File Size   1028.54 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Penta-Power Sequence Controller with Hot swap and System Management

X80013 Datasheet (HTML) - Renesas Technology Corp


X80013 Product details

Features
• Integrates Three Major Functions
- Power Sequencing
- Hot Swap Controller
- System Management Functions
• Penta-Power Sequencing
- Sequence up to 5 DC/DC converters.
- Four independent voltage enable pins
- Four time delay circuits
- Soft Power Sequencing - MRC pin restarts sequence
without power cycling.
• Hot Swap Controller
- Programmable overvoltage and undervoltage protection
- Undervoltage lockout for battery/redundant supplies
- Electronic circuit breaker - Overcurrent Detection and
Gate Shut-off
- Overcurrent limit during Insertion
- Hardshort retry with retry failure flag
- Selectable gate current using IGQ pins (10, 70, 150μA)
- MRH pin controls board insertion/extraction.
- Typically operates from -30V to -80V. Tolerates
transients to -200V (limited by external components)
• System Management
- Reset output, with delay, holds off host until all supplies
are good
- Host control of reinsertion with MRH input
- Host control of resequencing using MRC input
• Available packages
- 32-lead Quad No-Lead Frame (QFN)
Applications
• -48V Hot Swap Power Backplane/Distribution Central
Office, Ethernet for VOIP
• Card Insertion Detection
• Power Sequencing DC/DC/Power Bricks
• IP Phone Applications
• Databus Power Interfacing
• Custom Industrial Power Backplanes
• Distributed Power Systems




Similar Part No. - X80013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X80013 INTERSIL-X80013 Datasheet
548Kb / 25P
Penta-Power Sequence Controller with Hot swap and System Management
January 13, 2005
X80013Q32I INTERSIL-X80013Q32I Datasheet
548Kb / 25P
Penta-Power Sequence Controller with Hot swap and System Management
January 13, 2005
More results


Similar Description - X80013

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Intersil Corporation
X80000 INTERSIL-X80000 Datasheet
695Kb / 37P
Smart Power Plug Penta-Power Sequence Controller with Hot Swap
March 18, 2005
X80010 INTERSIL-X80010 Datasheet
548Kb / 25P
Penta-Power Sequence Controller with Hot swap and System Management
January 13, 2005
logo
Linear Technology
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
Hot-Swap Controller and Digital Power
REV. D
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
logo
Maxim Integrated Produc...
MAX5042 MAXIM-MAX5042_V01 Datasheet
1Mb / 22P
Power MOSFETs and Hot-Swap Controller
2014
logo
Renesas Technology Corp
X80000 RENESAS-X80000 Datasheet
1Mb / 37P
Smart Power Plug™ Penta-Power Sequence Controller with Hot Swap
March 18, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com