Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9410 Datasheet (PDF) - Renesas Technology Corp

X9410 Datasheet PDF - Renesas Technology Corp
Part # X9410
Download  X9410 Download
File Size   479.13 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise/Low Power/SPI Bus

X9410 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9410 Datasheet PDF - Renesas Technology Corp

Part # X9410
Download  X9410 Click to download

File Size   479.13 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise/Low Power/SPI Bus

X9410 Datasheet (HTML) - Renesas Technology Corp


X9410 Product details

FEATURES
• Two potentiometers per package
• SPI serial interface
• Register oriented format
- Direct read/write/transfer wiper positions
- Store as many as four positions per
potentiometer
• Power supplies
- VCC = 2.7V to 5.5V
- V+ = 2.7V to 5.5V
- V- = -2.7V to -5.5V
• Low power CMOS
- Standby current < 1μA
- High reliability
- Endurance - 100,000 data changes per bit per
register
- Register data retention - 100 years
• 8-bytes of nonvolatile EEPROM memory
• 10kresistor arrays
• Resolution: 64 taps each pot
• 24 Ld SOIC, 24 Ld TSSOP, and 24 Ld plastic DIP
packages
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X9410

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9410 XICOR-X9410 Datasheet
123Kb / 21P
Dual Digitally Controlled Potentiometer
logo
Intersil Corporation
X9410 INTERSIL-X9410 Datasheet
376Kb / 21P
Low Noise/Low Power/SPI Bus
X9410 INTERSIL-X9410 Datasheet
397Kb / 21P
Dual Digitally Controlled Potentiometer
October 12, 2006
X9410 INTERSIL-X9410 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Xicor Inc.
X9410WP24 XICOR-X9410WP24 Datasheet
123Kb / 21P
Dual Digitally Controlled Potentiometer
More results


Similar Description - X9410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
Low Noise/Low Power/SPI Bus/256 Taps
March 25, 2005
X9400 INTERSIL-X9400 Datasheet
375Kb / 21P
Low Noise/Low Power/SPI Bus
March 31, 2005
X9401 INTERSIL-X9401 Datasheet
371Kb / 20P
Low Noise/Low Power/SPI Bus
September 23, 2005
X9410 INTERSIL-X9410 Datasheet
376Kb / 21P
Low Noise/Low Power/SPI Bus
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
Low Noise, Low Power, SPI Bus, 128 Taps
September 8, 2009
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
September 8, 2009
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
July 17, 2009
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
X9400 RENESAS-X9400 Datasheet
819Kb / 20P
Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com