Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4012 Datasheet (PDF) - Renesas Technology Corp

ZSPM4012 Datasheet PDF - Renesas Technology Corp
Part # ZSPM4012
Download  ZSPM4012 Download
File Size   694.11 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Efficiency 2A Synchronous Buck Converter

ZSPM4012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSPM4012 Datasheet PDF - Renesas Technology Corp

Part # ZSPM4012
Download  ZSPM4012 Click to download

File Size   694.11 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Efficiency 2A Synchronous Buck Converter

ZSPM4012 Datasheet (HTML) - Renesas Technology Corp


ZSPM4012 Product details

Features
•Output voltage options depending on ordercode:
Fixed output voltages: 1.5V, 1.8V, 2.5V,3.3V, or 5V with +/- 2% output tolerance
Adjustable output voltage range: 0.9V to 5Vwith +/- 1.5% reference
•Wide input voltage range:6V to 24V
•1MHz +/- 10% fixed switching frequency
•2A continuous output current
•High efficiency – up to 95%
•Current mode PWM control with pulse-frequency modulation (PFM) mode forimproved light load efficiency
•Voltage supervisor for VOUT reported at the PGpin
•Input supply under voltage lockout
•Soft start for controlled startup with noovershoot
•Full protection for over-current, over-temperature, and VOUT over-voltage
•Less than 10μA in Disabled Mode
Low external component count




Similar Part No. - ZSPM4012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Renesas Technology Corp
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
logo
List of Unclassifed Man...
ZSPM4012BA1W00 ETC2-ZSPM4012BA1W00 Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012BA1W00 IDT-ZSPM4012BA1W00 Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
More results


Similar Description - ZSPM4012

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3408 BCDSEMI-AP3408 Datasheet
385Kb / 12P
2A, 4MHz High Efficiency Synchronous Buck Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
ZSPM4012B ETC2-ZSPM4012B Datasheet
1Mb / 23P
High Efficiency 2A Synchronous Buck Converter
logo
Integrated Device Techn...
ZSPM4012B IDT-ZSPM4012B Datasheet
658Kb / 21P
High Efficiency 2A Synchronous Buck Converter
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1724 UPI-UP1724 Datasheet
234Kb / 13P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
Monolithic Power System...
MP4572 MPS-MP4572 Datasheet
2Mb / 32P
High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
3/9/2020
logo
Renesas Technology Corp
ZSPM4012B RENESAS-ZSPM4012B Datasheet
832Kb / 22P
High Efficiency 2A Synchronous Buck Converter
January 27, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com