Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4022-06 Datasheet (PDF) - Renesas Technology Corp

ZSPM4022-06 Datasheet PDF - Renesas Technology Corp
Part # ZSPM4022-06
Download  ZSPM4022-06 Download
File Size   1337.45 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12V/6A Synchronous DC/DC Buck Regulator

ZSPM4022-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSPM4022-06 Datasheet PDF - Renesas Technology Corp

Part # ZSPM4022-06
Download  ZSPM4022-06 Click to download

File Size   1337.45 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12V/6A Synchronous DC/DC Buck Regulator

ZSPM4022-06 Datasheet (HTML) - Renesas Technology Corp


ZSPM4022-06 Product details

Features
•Rapid-control architecture enables operation witha high input/output voltage ratio (e.g., VIN = 19Vand VOUT = 0.8V) and small output capacitance
•Adjustable output voltage from 0.8V to 5.5V
•Universally compatible with most outputcapacitors—stable with zero to high ESR
•Power good (PG) output
•Foldback current limiting and “hiccup” modeshort-circuit protection
•Safe start-up into pre-biased loads




Similar Part No. - ZSPM4022-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4022-06 ETC2-ZSPM4022-06 Datasheet
1Mb / 38P
12V/6A Synchronous DC/DC Buck Regulator
More results


Similar Description - ZSPM4022-06

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8101 RICHTEK-RT8101 Datasheet
251Kb / 15P
12V Synchronous Buck PWM DC-DC
logo
Micrel Semiconductor
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26603 MICREL-MIC26603 Datasheet
1Mb / 30P
28V, 6A Hyper Light Load Synchronous DC/DC Buck Regulator
logo
List of Unclassifed Man...
ZSPM4022-06 ETC2-ZSPM4022-06 Datasheet
1Mb / 38P
12V/6A Synchronous DC/DC Buck Regulator
ZSPM4022-09 ETC2-ZSPM4022-09 Datasheet
1Mb / 38P
12V/9A Synchronous DC/DC Buck Regulator
ZSPM4022-12 ETC2-ZSPM4022-12 Datasheet
1Mb / 38P
12V/12A Synchronous DC/DC Buck Regulator
ZSPM4023-06 ETC2-ZSPM4023-06 Datasheet
326Kb / 3P
24V/6A Synchronous DC/DC Buck Regulator
logo
Renesas Technology Corp
ZSPM4022-09 RENESAS-ZSPM4022-09 Datasheet
1Mb / 37P
12V/9A Synchronous DC/DC Buck Regulator
January 25, 2016
ZSPM4022-12 RENESAS-ZSPM4022-12 Datasheet
1Mb / 37P
12V/12A Synchronous DC/DC Buck Regulator
January 29, 2016
ZSPM4023-06 RENESAS-ZSPM4023-06 Datasheet
1Mb / 38P
24V/6A Synchronous DC/DC Buck Regulator
January 27, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com