Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSPM4141 Datasheet (PDF) - Renesas Technology Corp

ZSPM4141 Datasheet PDF - Renesas Technology Corp
Part # ZSPM4141
Download  ZSPM4141 Download
File Size   658.44 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low-Power Linear Regulator with Minimal Quiescent Current Technology

ZSPM4141 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSPM4141 Datasheet PDF - Renesas Technology Corp

Part # ZSPM4141
Download  ZSPM4141 Click to download

File Size   658.44 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low-Power Linear Regulator with Minimal Quiescent Current Technology

ZSPM4141 Datasheet (HTML) - Renesas Technology Corp


ZSPM4141 Product details

Features
•Low operating voltage range: 2.5V to 5.5V
•Power-Down Mode for 100pA quiescent current
•Over-current protection: 250mA
•Output voltage options of 1.2V to 4.2V in 100mVsteps (programmed at manufacturing)




Similar Part No. - ZSPM4141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4141 ETC2-ZSPM4141 Datasheet
569Kb / 9P
Ultra-Low-Power Linear Regulator with Minimal Quiescent Current Technology
More results


Similar Description - ZSPM4141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM4141 ETC2-ZSPM4141 Datasheet
569Kb / 9P
Ultra-Low-Power Linear Regulator with Minimal Quiescent Current Technology
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
logo
Union Semiconductor, In...
UM15313S UNIONSEMI-UM15313S_15 Datasheet
542Kb / 19P
Ultra Low Quiescent Current Linear Regulator
logo
Infineon Technologies A...
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV33 INFINEON-TLS805B1LDV33 Datasheet
998Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.1 2016-12-20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com